Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PSA Datasheet(PDF) 10 Page - Sames

Part # SA2002PSA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PSA Datasheet(HTML) 10 Page - Sames

Back Button SA2002PSA Datasheet HTML 6Page - Sames SA2002PSA Datasheet HTML 7Page - Sames SA2002PSA Datasheet HTML 8Page - Sames SA2002PSA Datasheet HTML 9Page - Sames SA2002PSA Datasheet HTML 10Page - Sames SA2002PSA Datasheet HTML 11Page - Sames SA2002PSA Datasheet HTML 12Page - Sames SA2002PSA Datasheet HTML 13Page - Sames SA2002PSA Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
sames
SA2002P
10/14
http://www.sames.co.za
TYPICAL APPLICATION
The analog (metering) interface described in this section is
designed for measuring 230V/40A with precision better than
Class 1.
The most important external components for the SA2002P
integrated circuit are the current sense resistors, the voltage
sense resistors and the bias setting resistor. The resistors
used in the metering section should be of the same type so
temperature effects are minimized.
The voltage drop across the shunt resistor at rated current
should be at least 20mV. A shunt resistor with a value of 625µ
is chosen. The voltage drop across the shunt resistor is 25mV
at rated conditions (I
). The power dissipation in the current
sensor is:
P = (40A) x 625µ
= 1W.
Reference Voltage Bias resistor
Current Sense Resistors
R6 defines all on chip and reference currents. With R13 = 24k
optimum conditions are set.
The resistors R6 and R7 define the current level into the
current sense inputs of the device. The resistor values are
selected for an input current of 16µA on the current inputs of
the SA2002P at rated conditions.
According to equation described in the current sense inputs
section:
R6 = R7 = ( I / 16µA ) x R
/ 2
= 40A / 16µA x625
/ 2
= 781.25
A resistor with a value of 820
is chosen, the 5% deviation
from the calculated value will be compensated for when
calculating the values in the voltage path.
W
W
W
W
W
W
Shunt Resistor
max
2
L
SH
Voltage Input IVP
Voltage Divider
Programming
The voltage input of the SA2002P (IVP) is driven with a current
of 14µA at nominal mains voltage. This voltage input saturates
at approximately 17µA. At a nominal voltage current of 14µA
allows for 20% overdriving. The mains voltage is divided with a
voltage divider to 14V that is fed to the voltage input pins via a
1M
resistor.
The voltage divider is calculated for a voltage drop of 14V + 5%
(14.7V). Equations for the voltage divider in figure 4 are:
RB = R1 + R2 + R3 + R8
RB = R11 || R12
Combining the two equations gives:
(RA + RB) / 230V = RB / 14.7V
Values for resistors R8 = 10 , R11 = 24k
and R12 = 1M
is
chosen.
Substituting the values result in:
RB = 23.437k
RA = RB x (230V / 14.7V – 1 )
RA = 343.27k .
Standard resistor values of R1, R2 and R3 are chosen to be
150k , 150k and 43k .
A combination for R1, R2 and R3 with 110k, 110k and 110k
would also be sufficient.
In order for the meter to function correctly the EEPROM must
be programmed with the relevant parameters eg. LED pulse
rate, Motor pulse rate, Creep threshold, AC mode
measurement direction and rated current.
The calibration is preformed as described in the previous
section.
W
WW
W
W
W
WW
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com