Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PSA Datasheet(PDF) 12 Page - Sames

Part # SA2002PSA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PSA Datasheet(HTML) 12 Page - Sames

Back Button SA2002PSA Datasheet HTML 6Page - Sames SA2002PSA Datasheet HTML 7Page - Sames SA2002PSA Datasheet HTML 8Page - Sames SA2002PSA Datasheet HTML 9Page - Sames SA2002PSA Datasheet HTML 10Page - Sames SA2002PSA Datasheet HTML 11Page - Sames SA2002PSA Datasheet HTML 12Page - Sames SA2002PSA Datasheet HTML 13Page - Sames SA2002PSA Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
sames
SA2002P
http://www.sames.co.za
Parts List for Application Circuit: Figure 7
U1
U2
D1
D2
D3
D4
D5
D6
R1
R2
R3
R4
R5
R6
R7
R8
R10
R11
R12
R13
R14
R15
C1
C2
C3
C4
C5
C6
C7
CNT1
Symbol
Description
SA2002P
AT24C01, or equivalent device
Diode, Silicon 1N4007
Diode, Silicon 1N4007
Diode, Zener, 2.4V
Diode, Zener, 2.4V
Light emitting diode, Red
Light emitting diode, Green
Resistor, 150k, 1/4W, 1%, metal
Resistor, 150k, 1/4W, 1%, metal
Resistor, 43k, 1/4W, 1%, metal
Resistor, 100 , 1/4W, 1%, metal
Resistor, 100 , 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 10 , 2W, Wire wound
Shunt resistor, 625µ
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 200uF, 16V, electrolytic
Capacitor, 200uF, 16V, electrolytic
Capacitor, 470nF, 250VAC
Capacitor, 820nF
Capacitor, 2200µF, 25V, electrolytic
Bipolar step motor
W
W
W
W
Detail
PDIP16 / SOIC16
Note 1
Note 1
Note 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Item
Note 1:
Note 2:
See TYPICAL APPLICATION when selected the value of R6 and R7.
Capacitor (C6) to be positioned as closed to Supply Pins (V
& V ) of U-1, as possible.
DD
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com