Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PSA Datasheet(PDF) 5 Page - Sames

Part # SA2002PSA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PSA Datasheet(HTML) 5 Page - Sames

  SA2002PSA Datasheet HTML 1Page - Sames SA2002PSA Datasheet HTML 2Page - Sames SA2002PSA Datasheet HTML 3Page - Sames SA2002PSA Datasheet HTML 4Page - Sames SA2002PSA Datasheet HTML 5Page - Sames SA2002PSA Datasheet HTML 6Page - Sames SA2002PSA Datasheet HTML 7Page - Sames SA2002PSA Datasheet HTML 8Page - Sames SA2002PSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
sames
SA2002P
http://www.sames.co.za
INPUT SIGNALS
VREF
Serial Data (SDA)
Serial Clock (SCL)
A bias resistor of 24k
set optimum bias conditions on chip.
Calibration of the SA2002P should be done as described in the
Device Configuration section.
The SDA pin connects directly to the SDA pin of an external
EEPROM. The pin is used to transfer data between the
EEPROM and the SA2002P. An external pull up resistor in not
needed.
The SCL pin connects directly to the SCL pin of an external
EEPROM. The SCL output is used to strobe data at a rate of
50kHz out of the EEPROM. An external pull up resistor in not
needed. The SCL output uses a soft driver and may be
overdriven by the calibration equipment.
W
Current sense input (IIP and IIN)
Voltage Sense Input (IVP)
Figure 9 on page 11 shows the typical connections for the
current sensor input. The resistor R6 and R7 define the current
level into the current sense inputs of the SA2002P. At
maximum rated current the resistor values should be selected
for input currents of 16µA
.
The values for resistors R6 and R7 can be calculated as
follows:
R6 = R7 = (IL/16µA) x RSH/2
IL
=
Line current or line current/CT ratio
RSH
=
Shunt resistor or termination
Resistor if a CT is used as the current sensor.
The value of RSH, if used as the CT’s termination resistor,
should be less than the DC resistance of the CT’s secondary
winding. The voltage drop across RSH should not be less than
16mV
at rated currents.
The current into the A/D converter should be set at 14µA
at
nominal mains voltage. This is to allow a variation of ±10% for
the mains voltage without saturating the voltage sense input.
The voltage sense input saturates at an input current of ±25µA
peak. Referring to Figure 9 the typical connections for the
voltage sense input is illustrated. Resistors R1, R2 and R3 set
the current for the voltage sense input. The mains voltage is
divided down to 14V
. The current into the A/D converter
input is set at 14µA
via resistor R12.
RMS
RMS
RMS
RMS
RMS
Where:
Figure 4: Motor drive on MON and MOP pins
Reload (RLOAD)
Motor Output (MOP, MON)
A falling edge on the RLOAD pin, will trigger a register update
from the external EEPROM. This feature may be used during
calibration to load updated register data in the SA2002P. For
normal operation of the SA2002P the RLOAD pin may be left
floating.
The TEST input is the manufacturers test pin and must be
connected to V for normal operation.
The motor pulse width is programmable for 71ms, 142ms and
284ms. The MON pulse will follow the MOP pulse within the
selected pulse width time. This prevents the motor armature
being in the wrong position after a power failure. Both MOP and
MON outputs are active high. One energy pulse is represented
by a MOP pulse followed by a MON pulse. The motor drive
wave forms are shown in figure 4.
Test Input (TEST)
SS
OUTPUT SIGNALS
VDD
VDD
VSS
VSS
MON
MOP
t
m
t
m
t
m
DR-01559
Figure 5: LED pulse output
LED
t
LED
DR-01332
VDD
VSS
LED Output (LED)
The LED pin provides a pulse output and is intended for
calibration purposes. Depending on register Cled the pulse
rate can be either in slow mode or fast mode. When in slow
mode the pulse rate is a low frequency and is proportional to
the average power consumption. In fast mode the pulse rate is
a programmable high frequency output proportional to the
instantaneous power consumption. This mode is useful for fast
calibration times or can be used to interface to a micro-
controller. In slow mode the pulse width (tled) is 1ms and in fast
mode tled is 71µs. The LED output is active low as shown in
figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com