Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002PSA Datasheet(PDF) 6 Page - Sames

Part # SA2002PSA
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002PSA Datasheet(HTML) 6 Page - Sames

Back Button SA2002PSA Datasheet HTML 2Page - Sames SA2002PSA Datasheet HTML 3Page - Sames SA2002PSA Datasheet HTML 4Page - Sames SA2002PSA Datasheet HTML 5Page - Sames SA2002PSA Datasheet HTML 6Page - Sames SA2002PSA Datasheet HTML 7Page - Sames SA2002PSA Datasheet HTML 8Page - Sames SA2002PSA Datasheet HTML 9Page - Sames SA2002PSA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
sames
SA2002P
6/14
http://www.sames.co.za
DR-01283
DIR
V
I
DIR
t
t
t
t
Figure 7: Measured energy direction on DIR
Mains Zero Crossing Indication (FMO)
Figure 6 indicates the behavior of the FMO output relative to the
voltage sense inputs. The square wave signal of FMO indicates
the polarity of the mains voltage. Due to comparator offsets, the
FMO low to high transition can occur within a range as shown in
figure 6. The time between successive low to high transitions
will be equal to the mains voltage period. The FMO output may
be used during calibration.
Signal
Output
Value
Description
DIRO
0
Reverse energy flow
Forward energy flow
1
Direction Indication (DIRO)
The SA2002P provides information about the energy flow
direction on pin DIRO .
A logic 0 on pin DIRO indicates reverse energy flow. Reverse
energy flow is defined as the condition where the voltage
sense input and current sense input are out of phase (greater
than 90 degrees).
Positive energy flow, when voltage sense and both current
sense input are in phase, is indicated on pin DIRO as a logic 1.
The DIRO pin may be used to drive a LED in order to indicate
reverse energy.
Figure 6: Mains zero crossing on FMO
DR-01284
FMO
MAINS
t
V
t
t
Figure 7 shows the behavior of DIR, when energy reversal
takes place. The time period for the DIR signal to change state,
t
, is the time it takes for the internal integrator to count (down)
from its present value to zero. Thus the energy consumption
rate determines the speed of change on DIR.
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com