Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELIOR3 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # RELIOR3
Description  Relio R3 Configurable 3U Rackmount Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR3 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  RELIOR3 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR3 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Relio R3 Configurable 3U Rackmount
Industrial Computer
The Relio R3 is a solid-state 3U rackmount computer designed for industrial and commercial applications requiring high reliability,
maximum I/O expansion, scalable processing, and a long product life cycle.
Building on the advantages of COM Express architecture, the R3 features an Intel Atom® N2800 1.8GHz dual-core processor with
4GB RAM. The system requires low power consumption while operating fanless over a wide operating temperature range of 0°C to
50°C. Standard features include dual Gigabit Ethernet, four SeaLATCH locking USB 2.0 ports, three serial ports, DisplayPort video,
and audio interfaces. The system includes a 7” LCD touchscreen on the front panel for a convenient operator interface.
With a total of 18 SeaRAQ™ I/O expansion slots, the R3 offers unprecedented expansion capabilities supporting a variety of real-
world analog I/O configurations such as A/D inputs, 4-20mA outputs, 0-20mA inputs, thermocouples, and RTD inputs. Optically
isolated inputs, relay outputs, and additional serial interfaces are also available. The system offers one PCI Express slot compatible
with any half-length PCIe x1 board.
The Relio R3 operates from your choice of 2.5″ SATA solid-state disk (SSD) that can be integrated and preloaded with Microsoft
Windows or Linux 32-bit operating systems. Operating from solid-state disk, the system is perfect for industrial and commercial
rackmount environments including process control, test & measurement, and HMI applications.
Extended temperature range and other options are available. If you have application-specific requirements, call today to discuss a
Sealevel custom COM Express solution.
Part: R3-Config | Model: Relio R3
Delivering Design & Manufacturing Excellence Since 1986
18 SeaRAQ™ I/O expansion slots, the R3 offers unprecedented expansion
capabilities supporting a variety of real-world analog I/O configurations


Similar Part No. - RELIOR3

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR1 SEALEVEL-RELIOR1 Datasheet
233Kb / 2P
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
RELIOR2 SEALEVEL-RELIOR2 Datasheet
415Kb / 2P
Solid-State, Compact Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results

Similar Description - RELIOR3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
Advanced Industrial 4U Rackmount DVR System
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
AAEON Technology
ARC-635M AAEON-ARC-635M Datasheet
457Kb / 2P
3U Height 19??Rackmount Chassis
logo
Tripp Lite. All Rights ...
SR16SHELF TRIPPLITE-SR16SHELF Datasheet
175Kb / 2P
3U Rack-Mount Configurable Storage Shelf for Personal Electronics
logo
Moxa Inc.
DA-681A MOXA-DA-681A Datasheet
1Mb / 6P
IEC-61850, 1U rackmount computer with 6 Gigabit Ethernet
DA-720 MOXA-DA-720 Datasheet
1,019Kb / 6P
IEC-61850, 2U rackmount computer with 3 expansion slots
DA-820C MOXA-DA-820C Datasheet
1Mb / 6P
IEC-61850, 3U rackmount computers with PRP/ HSR card support
logo
Lanner All Rights Reser...
LEC-3340 LANNER-LEC-3340 Datasheet
535Kb / 2P
IEC 61850-3 Certified 3U Rackmount Controller System for Power Substation
logo
Advantech Co., Ltd.
HPC-7320 ADVANTECH-HPC-7320 Datasheet
799Kb / 2P
3U Short-depth Rackmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
20-Aug-2021
logo
EDA Technology Co.,LTD
ED-IPC2200 EDATEC-ED-IPC2200 Datasheet
612Kb / 6P
High Configurable Industrial Computer Based on Rasberry Pi CM4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com