Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883US/7EA/1Y Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8883US/7EA/1Y
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US/7EA/1Y Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8883US/7EA/1Y Datasheet HTML 13Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 14Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 15Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 16Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 17Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 18Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 19Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 20Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
17 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
14. Application information
Figure 16 shows the typical connections for a general application3. The positive supply is
connected to pin VDD. It is recommended to connect smoothing capacitors to ground to
both VDD and VDD(INTREGD) (values for Cdec, see Table 6).
The sampling rate is determined by the capacitance CCLIN on pin CLIN. A higher sampling
rate reduces the reaction time and increases the current consumption.
The sensing plate capacitance CSENS may consist of a small metal area, for example
behind an isolating layer. The sensing plate can be connected to a coaxial cable (CCABLE)
which in turn is connected to the input pin IN. Alternatively, the sensing plate can be
directly connected to the input pin IN. An internal low pass filter is used to reduce RF
interference. An additional low pass filter consisting of a resistor RF and capacitor CF can
be added to the input to further improve RF immunity as required. For good performance,
the total amount of capacitance on the input (CSENS +CCABLE +CF) should be in the
proper range, the optimum point being around 30 pF. These conditions allow the control
loop to adapt to the static capacitance on CSENS and to compensate for slow changes in
the sensing plate capacitance. A higher capacitive input loading is possible if an additional
discharge resistor RC is placed as shown in Figure 16. Resistor RC simply reduces the
discharge time such that the internal timing requirements are fulfilled.
The sensitivity of the sensor can be influenced by the sensing plate area and capacitor
CCPC. The sensitivity is significantly reduced when CCPC is reduced. When maximum
sensitivity is desired CCPC can be increased, but this also increases sensitivity to
interference. Pin CPC has high-impedance and is sensitive to leakage currents.
3.
For further information, see Ref. 4 “AN10832”. Information about the appropriate evaluation board can be found in Ref. 13
“UM10370”.
CSENS = sensing plate capacitance.
The coaxial cable is optional.
Fig 16. Typical application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com