Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883US/7EA/1Y Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8883US/7EA/1Y
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US/7EA/1Y Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8883US/7EA/1Y Datasheet HTML 14Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 15Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 16Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 17Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 18Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 19Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 20Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 21Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
18 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
Remark: CCPC should be a high-quality foil or ceramic capacitor, for example an
X7R type.
When limiting the maximum input capacitance to 35 pF and the minimum operating
temperature to
20 C then the minimum operating voltage can be reduced to 2.8 V. The
main limitation when lowering the supply voltage is a reduction in the range of the VI(CPC)
voltage, which is specified from 0.6 V to VDD  0.3 V. Reducing the VI(CPC) working range
is equivalent to reducing the input capacitance range. Additionally, VI(CPC) increases with
decreasing temperature, as illustrated in Figure 14 and Figure 15. This means that it is
possible to lower the supply voltage if the minimum temperature will be raised accordingly.
For the choice of proper component values for a given application, the component
specifications in Table 6 and Table 7 must be followed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com