Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883US/7EA/1Y Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8883US/7EA/1Y
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US/7EA/1Y Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8883US/7EA/1Y Datasheet HTML 6Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 7Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 8Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 9Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 10Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 11Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 12Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 13Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
10 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
9.
Safety notes
10. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 9 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 10 “JESD22-A115”.
[3]
Pass level; latch-up testing, according to Ref. 11 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored
at a temperature of +8
C to +45 C and a humidity of 25 % to 75 %.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
CAUTION
Semiconductors are light sensitive. Exposure to light sources can cause the IC to
malfunction. The IC must be protected against light. The protection must be applied to all
sides of the IC.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5 +9
V
VI
input voltage
on pins IN, TYPE, CPC
0.5 V
DD(INTREGD) +0.5
V
IO
output current
on pin OUT
10 +50
mA
ISS
ground supply current
10 +50
mA
II
input current
on any other pin
10 +10
mA
Ptot
total power dissipation
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
2500
V
MM
[2] -
200
V
Ilu
latch-up current
[3] -
100
mA
Tstg
storage temperature
[4]
60 +125
C
Tamb
ambient temperature
operating device
40 +85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com