Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883US/7EA/1Y Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8883US/7EA/1Y
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US/7EA/1Y Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8883US/7EA/1Y Datasheet HTML 1Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 2Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 3Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 4Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 5Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 6Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 7Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 8Page - NXP Semiconductors PCF8883US/7EA/1Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
2 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
 Buildings: switch in or under carpets, glass, or tiles
 Sanitary applications: use of standard metal sanitary parts (e.g. tap) as switch
 Hermetically sealed keys on a keyboard
4.
Ordering information
4.1 Ordering options
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8883T
SOIC8
plastic small outline package; 8 leads;
body width 3.9 mm
PCF8883T
PCF8883US
WLCSP8
wafer level chip-size package; 8 bumps
PCF8883US
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCF8883T/1
PCF8883T/1,118
935289766118
tape and reel, 13 inch
1
PCF8883US/7EA/1
PCF8883US/7EA/1Y
935300777518
dry pack, tape and reel, 13 inch
1
Table 3.
Marking codes
Product type number
Marking code
PCF8883T
PCF8883
PCF8883US
PC
8883-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com