Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIP-02V-R-C Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # PSIP-02V-R-C
Description  4.0mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSIP-02V-R-C Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  PSIP-02V-R-C Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 3Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 4Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
19.6
22.1
10
15.95
10
±0.05
±0.05
±0.05
1.65
4
1.65
A
4
φ1.3
φ1.3
±0.05
±0.05
±0.05
±0.05
±0.05
±0.05
±0.05
±0.05
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
φ1.65
A
H
F
G
4
A
φ1.7
φ1.7
φ1.65
4
A
0
+0.1
φ1.65
0
+0.1
0
+0.1
φ1.7
φ1.7
0
+0.1
φ1.65
Keying: A, B types
Keying: C type
Note: 1. The above figure is the figure viewed from the connector mounting side
2. Tolerances are non-cumulative: ±0.05 mm for all centers.
3. Hole dimensions differ according to the type of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
Top entry type
●Single type
Side entry type
●Double type
Contact
PSI CONNECTOR
Model No.
Applicable wire
mm2
AWG#
Insulation O.D. (mm) Q’ty / reel
SPSI-001T-M1.1
SPSI-41T-M1.1
0.13∼0.33
0.5 ∼1.25
26∼22
20∼16
1.3∼2.4
1.7∼3.2
2,600
2,600
Material and Finish
Copper alloy, tin-plated
RoHS compliance
Contact
Crimping
machine
MKS-L
  ―  
MK/SPSI/M-001-11
―
Applicator
Crimp applicator
Dies
APLMK SPSI/M001-11
―
Crimp applicator with dies
SPSI-001T-M1.1
SPSI-41T-M1.1
AP-K2N
MKS-L
  ―  
MK/SPSI/M-41-11
―
APLMK SPSI/M41-11
―
Socket contact
Wire-to-wire type
11.3
4
6.5
2.2
2
3
13
17
Circuits
F
G
H
Applicable
panel
thickness
0.8 t 1.2
13.3
17.3
9
13
6.8
8.4
0.8
∼2.0
1.2
t 2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com