Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIP-02V-R-C Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # PSIP-02V-R-C
Description  4.0mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSIP-02V-R-C Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  PSIP-02V-R-C Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 3Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 4Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B
A
B
A
B
2
3
4
5
6
8
10
12
14
A
B
C
A
B
C
A
B
C
—
—
—
—
—
—
PSIP-02V-LE-A
PSIP-02V-Y-B
PSIP-02V-R-C
PSIP-03V-LE-A
PSIP-03V-Y-B
PSIP-03V-R-C
PSIP-04V-LE-A
PSIP-04V-Y-B
PSIP-04V-R-C
PSIP-05V-LE
PSIP-06V-LE
PSIP-08V-LE
PSIP-10V-LE
PSIP-12V-LE
PSIP-14V-LE
4.0
4.0
4.0
8.0
8.0
8.0
12.0
12.0
12.0
16.0
8.0
12.0
16.0
20.0
24.0
8.7
8.7
8.7
12.7
12.7
12.7
16.7
16.7
16.7
20.7
12.7
16.7
20.7
24.7
28.7
500
500
500
300
300
300
200
200
200
200
200
200
150
150
100
A
Circuits Keying
Model No.
Q’ty
/ box
Dimensions (mm)
Material
Glass-filled PBT, UL94V-0
RoHS compliance This product displays (LF)(SN) on a label.
Note: Other kinds of post-omitted products are available. Contact JST for details.
3
PSI CONNECTOR
5.95
15.05
4.5
1.65
φ1.1
□1.14
A
4
B
4.5
9.1
1.65
φ1.1
A
4
□1.14
B
16.65
9
3
□1.14
A
4
B
Socket housing
<2 to 5 circuits>
<6 to 14 circuits>
Top entry type
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PSIP-02V-LE-A
LE...light blue Y...yellow R...red
RoHS compliance
Header
<2 to 5 circuits>
<6 to 14 circuits>
Top entry type
B
2
3
4
5
6
8
10
12
14
A
B
C
A
B
C
A
B
C
—
—
—
—
—
—
B02B-PSILE-A1
B02B-PSIY-B1
B02B-PSIR-C1
B03B-PSILE-A1
B03B-PSIY-B1
B03B-PSIR-C1
B04B-PSILE-A1
B04B-PSIY-B1
B04B-PSIR-C1
B05B-PSILE-1
B06B-PSILE-1
B08B-PSILE-1
B10B-PSILE-1
B12B-PSILE-1
B14B-PSILE-1
4.0
4.0
4.0
8.0
8.0
8.0
12.0
12.0
12.0
16.0
8.0
12.0
16.0
20.0
24.0
8.7
8.7
8.7
12.7
12.7
12.7
16.7
16.7
16.7
20.7
12.7
16.7
20.7
24.7
28.7
500
500
500
300
300
300
200
200
200
200
200
200
150
150
100
A
Circuits Keying
Model No.
Q’ty
/ box
Dimensions (mm)
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatmnent)
Header: Glass-filled PBT, UL94V-0
B
2
3
A
B
C
A
B
C
S02B-PSILE-A1
S02B-PSIY-B1
S02B-PSIR-C2
S03B-PSILE-A1
S03B-PSIY-B1
S03B-PSIR-C2
4.0
4.0
4.0
8.0
8.0
8.0
8.7
8.7
8.7
12.7
12.7
12.7
350
350
350
200
200
200
A
Circuits Keying
Model No.
Q’ty
/ box
Dimensions (mm)
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatmnent)
Header: Glass-filled PBT, UL94V-0
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-PSILE-A1
LE...light blue Y...yellow R...red
<2, 3 circuits>
Side entry type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com