Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIP-02V-R-C Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # PSIP-02V-R-C
Description  4.0mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSIP-02V-R-C Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  PSIP-02V-R-C Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 3Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 4Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PSIR-03V-LE-A
LE...light blue
Y...yellow
4
PSI CONNECTOR
Pin contact
18
4
6.6
2.2
8.45
9.1
A
C
B
Model No.
Applicable wire
mm2
AWG#
Insulation O.D. (mm) Q’ty / reel
SPSM-001T-M1.1
SPSM-41T-M1.1
0.13∼0.33
0.5 ∼1.25
26∼22
20∼16
1.3∼2.4
1.7∼3.2
2,600
2,600
Material and Finish
Copper alloy, tin-plated
RoHS compliance
Contact
Crimping
machine
MKS-L
  ―  
MK/SPSI/M-001-11
―
Applicator
Crimp applicator
Dies
APLMK SPSI/M001-11
―
Crimp applicator with dies
SPSM-001T-M1.1
SPSM-41T-M1.1
AP-K2N
MKS-L
  ―  
MK/SPSI/M-41-11
―
APLMK SPSI/M41-11
―
Receptacle housing
Contact position location numbers
14 13 12 11 10
9
8
7654321
54321
14 13 12 11 10
9
8
76
1
2
3
4
5
543
1
2
3
12
1
2
3
2
3
A
B
A
B
Circuits Keying
Model No.
PSIR-02V-LE-A
PSIR-02V-Y-B
PSIR-03V-LE-A
PSIR-03V-Y-B
Material
Glass-filled PBT, UL94V-0
C
16.1
16.1
20.1
20.1
12.5
12.5
16.5
16.5
200
200
150
150
B
Q’ty
/ bag
Dimensions (mm)
4.0
4.0
8.0
8.0
A
RoHS compliance
Single
<2 to 5 circuits>
Double
<6 to 14 circuits>
Socket housing
Single
<2 to 5 circuits>
Double
<6 to 14 circuits>
Single
<2 to 3 circuits>
Single
<2 to 3 circuits>
Header
●Top entry
Header
●Side entry
Receptacle housing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com