Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIP-02V-R-C Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # PSIP-02V-R-C
Description  4.0mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSIP-02V-R-C Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  PSIP-02V-R-C Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 3Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 4Page - JST Mfg. Co., Ltd. PSIP-02V-R-C Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PSI CONNECTOR
Keying
A type
B type
C type
PSIP-02V-Y-B
PSIP-03V-Y-B
PSIP-04V-Y-B
PSIP-02V-LE-A
PSIP-03V-LE-A
PSIP-04V-LE-A
Blue
Yellow
Red
Blue
Yellow
Red
Blue
Yellow
Red
Blue
PSIP-02V-R-C
PSIP-03V-R-C
PSIP-04V-R-C
2 circuits
3 circuits
4 circuits
Socket housing
A type
B type
C type
Shape
B02B-PSILE-A1
B03B-PSILE-A1
B04B-PSILE-A1
B02B-PSIY-B1
B03B-PSIY-B1
B04B-PSIY-B1
B02B-PSIR-C1
B03B-PSIR-C1
B04B-PSIR-C1
Header
Top entry type
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<4 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
<2 circuits>
<3 circuits>
A type
B type
C type
Shape
S02B-PSILE-A1
S03B-PSILE-A1
S02B-PSIY-B1
S03B-PSIY-B1
S02B-PSIR-C2
S03B-PSIR-C2
Side entry type
A type
B type
Shape
PSIR-02V-LE-A
PSIR-03V-LE-A
PSIR-02V-Y-B
PSIR-03V-Y-B
Receptacle housing
Yellow
Model
No.
2 circuits
3 circuits
4 circuits
Model
No.
2 circuits
3 circuits
Model
No.
2 circuits
3 circuits
Model
No.
Mating part
Shape
Mating part
Mating part
Mating part
From 2 circuit to 4 circuit are applied.
From 2 circuit to 4 circuit are applied.
From 2 circuit to 3 circuit are applied.
From 2 circuit to 3 circuit are applied.
Note) Boss: Only C type boss position is reversed.
Note)
Boss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com