Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFG Datasheet(PDF) 21 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 21 Page - LEMO Connectors

Back Button FFG Datasheet HTML 17Page - LEMO Connectors FFG Datasheet HTML 18Page - LEMO Connectors FFG Datasheet HTML 19Page - LEMO Connectors FFG Datasheet HTML 20Page - LEMO Connectors FFG Datasheet HTML 21Page - LEMO Connectors FFG Datasheet HTML 22Page - LEMO Connectors FFG Datasheet HTML 23Page - LEMO Connectors FFG Datasheet HTML 24Page - LEMO Connectors FFG Datasheet HTML 25Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
19
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
Fixed socket with straight print contact
PCB drilling pattern
0.6
1.35
120°
0.8
2.30
120°
0.8
3.00
120°
0.8
4.60
120°
0.8
5.60
120°
TT
0T
1T
2T
3T
Dimensions
A
B
C
Series
0.6
1.2
0.8
2.2
0.8
2.8
0.8
4.4
TT
0T
1T
2T
Dimensions
A
B
Series
0.6
3.0
60°
0.8
3.7
60°
0T
1T
Dimensions
A
B
C
Series
0.8
5.6
72°
0.8
7.1
72°
2T
3T
Dimensions
A
B
C
Series
0.8
3.8
51°26’
1T
Dimensions
A
B
C
Series
ø A
302
ø B
303
C°
305
307
ø B
C°
304
306
C°
308
C°
306
C°
309
C°
308
D°
ø A
310
0.6
3.2
45°
0.8
7.5
45°
0T
3T
Dimensions
A
B
C
Series
0.8
6.4
45°
0.8
7.5
45°
2T
3T
Dimensions
A
B
C
Series
0.6 3.95 45° 22°30’ 1.40
0.8 6.30 45° 22°30’ 2.15
0.8 7.90 45° 22°30’ 2.80
1T
2T
3T
Dimensions
A
B
C
D
H
Series
0.5
1.7
72°
0.6
2.8
72°
0.8
3.4
72°
0.8
5.2
72°
0.8
6.7
72°
TT
0T
1T
2T
3T
Dimensions
A
B
C
Series
0.6
1.6
45°
0.6
2.5
45°
0.8
3.1
45°
0.8
5.0
45°
0.8
6.2
45°
TT
0T
1T
2T
3T
Dimensions
A
B
C
Series
0.6
3.00
60°
0.8
3.70
60°
0.8
5.80
60°
0.8
7.08
60°
0T
1T
2T
3T
Dimensions
A
B
C
Series
Note:
all views are from the side of the socket.
D°
120°
C°
312
0T
0.5
3.3
40°
20° 1.25
Dimensions
A
B
C
D
H
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com