Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFG Datasheet(PDF) 5 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 5 Page - LEMO Connectors

  FFG Datasheet HTML 1Page - LEMO Connectors FFG Datasheet HTML 2Page - LEMO Connectors FFG Datasheet HTML 3Page - LEMO Connectors FFG Datasheet HTML 4Page - LEMO Connectors FFG Datasheet HTML 5Page - LEMO Connectors FFG Datasheet HTML 6Page - LEMO Connectors FFG Datasheet HTML 7Page - LEMO Connectors FFG Datasheet HTML 8Page - LEMO Connectors FFG Datasheet HTML 9Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
3
E maxi
N
L maxi
M
S 1
S 2
EGG Fixed socket, nut fixing
EGG
TT
EGG
0T
EGG
1T
EGG
2T
EGG
3T
Reference
Model
Series
10.0 10.2
M7x0.5 5.5 16.0 1.2 13.5
6.3
9
12.0 12.5
M9x0.6 6.0 21.0 1.5 19.1
8.2
11
15.5 16.0 M12x1.0 6.0 23.0 1.8 21.5 10.5
14
18.5 19.6 M15x1.0 7.5 26.5 1.8 24.6 13.5
17
23.5 25.1 M18x1.0 9.6 30.1 2.5 25.0 16.5
22
Dimensions (mm)
A
B
e
E
L
M
N1)
S1
S2
L maxi
E maxi
N
P
S 1
EEG
Fixed socket, nut fixing, back panel mounting
~L
S 1
S 2
PHG
Free socket, cable collet and nut for fitting a bend relief
EEG
TT
EEG
0T
EEG
1T
EEG
2T
EEG
3T
Reference
Model
Series
E●●
TT
E●●
0T
E●●
1T
E●●
2T
E●●
3T
Reference
Model
Series
6.4
7.1 12.5
8.3
9.1 14.5
10.6 12.1 18.5
13.6 15.1 22.5
16.6 18.1 27.0
Panel cut-out
B
C
L
1.0
0.4
2.5
0.4
4.5
0.7
6.0
0.8
9.0
1.0
Mounting nut torque
Metal shell Plastic shell
Note: 1)
maximum length with crimp contacts.
Note: 1)
maximum length with crimp contacts.
B + 0.1
0
L mini
Panel cut-out
7.0
31.5
5.5
6
9.5
37.0
7.5
7
12.0
42.5 11.0
9
15.0
51.0 14.0
12
18.8
60.0 16.0
15
Dimensions (mm)
A
L
S1
S2
PHG
TT
PHG
0T
PHG
1T
PHG
2T
PHG
3T
Reference
Model
Series
2.4
3.0
1.0
5.0
1.3
6.5
1.3
8.5
2.6
10.5
Cable ø
min.
max.
10.0 10.0
M7x0.5 4.5 16.0 13.5
7
6.3
12.0 12.0
M9x0.6 6.5 21.0 19.1
9
8.2
15.5 16.0 M12x1.0 6.5 23.0 21.5 10 10.5
18.5 20.0 M15x1.0 7.5 26.5 24.6 11 13.5
23.5 24.0 M18x1.0 7.5 30.1 25.0 12 16.5
Dimensions (mm)
A
B
e
E
L
N1)
P
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com