Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFG Datasheet(PDF) 22 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 22 Page - LEMO Connectors

Back Button FFG Datasheet HTML 18Page - LEMO Connectors FFG Datasheet HTML 19Page - LEMO Connectors FFG Datasheet HTML 20Page - LEMO Connectors FFG Datasheet HTML 21Page - LEMO Connectors FFG Datasheet HTML 22Page - LEMO Connectors FFG Datasheet HTML 23Page - LEMO Connectors FFG Datasheet HTML 24Page - LEMO Connectors FFG Datasheet HTML 25Page - LEMO Connectors FFG Datasheet HTML 26Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
20
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
0.6
4.4
90° 1.90 1.80
0.8
6.5
90° 2.65 2.65
0.8
8.2
90° 3.40 3.40
1T
2T
3T
Dimensions
A
B
C
H
I
Series
0.6
4.4
32°44’
2.0
1T
Dimensions
A
B
D
H
Series
36°
C°
I
314
D°
72°
316
0.8 6.7 60° 30° 15° 3.5
2T
Dimensions
A
B
C
D
E
H
Series
C°
ø E
324
ø 0.6
E°
C°
322
90°
2.6
11°15'
36°
3T.330
ø 0.6
25°43'
3T.326
E°
C°
D°
318
D°
C°
E°
319
Note: all views are from the side of the socket.
E°
D°
72°
316
D°
C°
320
ø 0.6
25°43'
2T.326
36°
72°
21°11'
2T.332
0.8 6.6 32°44’ 16°22’ 3.10
0.8 8.4 32°44’ 16°22’ 3.86
2T
3T
Dimensions
A
B
D
E
H
Series
0.8 6.7 60° 30° 15° 3.50
0.8 8.4 60° 30° 15° 4.34
2T
3T
Dimensions
A
B
C
D
E
H
Series
8.62 51°26’ 27°42’ 4.78
3T
Dimensions
B
C
D
H
Series
45°
25°43’ 22°30’
5
3T
Dimensions
C
D
E
H
Series
8.8 45° 25°43’ 1.8 5.30
3T
Dimensions
B
C
D
E
H
Series
Metal collet nut tightening torque
0.25
0.70
0.80
Maximum metal collet nut
tightening torque
TT
0T
1T
Series
2.00
3.00
Maximum metal collet nut
tightening torque
2T
3T
Series
0.8 6.50 45° 22°30’ 2.80
0.8 8.20 45° 22°30’ 3.40
2T
3T
Dimensions
A
B
C
D
H
Series
D°
C°
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com