Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFG Datasheet(PDF) 6 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 6 Page - LEMO Connectors

Back Button FFG Datasheet HTML 2Page - LEMO Connectors FFG Datasheet HTML 3Page - LEMO Connectors FFG Datasheet HTML 4Page - LEMO Connectors FFG Datasheet HTML 5Page - LEMO Connectors FFG Datasheet HTML 6Page - LEMO Connectors FFG Datasheet HTML 7Page - LEMO Connectors FFG Datasheet HTML 8Page - LEMO Connectors FFG Datasheet HTML 9Page - LEMO Connectors FFG Datasheet HTML 10Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
Watertight or vacuumtight models
L maxi
N
E maxi
P
S 1
L maxi
N
E maxi
P
S 1
L maxi
N
E maxi
M
S 1
S 2
HGG Fixed socket, nut fixing, watertight or vacuumtight
HEG
Fixed socket, nut fixing, watertight or vacuumtight, back panel mounting
HMG Fixed socket with earthing tag, nut fixing, watertight or vacuumtight, back panel mounting
HMG
TT
HMG
0T
HMG
1T
HMG
2T
Reference
Model
Series
HEG
TT
HEG
0T
HEG
1T
HEG
2T
Reference
Model
Series
Reference
Model
Series
HGG.0T.305.CLLP (5 contacts, resin potted)
HGG.0T.305.CLLPV (5 contacts, resin potted and vacuumtight tested)
These models are identified by a letter «P» at the end of the reference. Most of these models are also available in a
vacuumtight version. Such models are identified by an additional letter «V» at the end of the part number (certificate on
request). Epoxy resin is used to seal these models. The temperature range is -20°C / +80°C.
Part Number Example
B + 0.1
0
L mini
Panel cut-out
10.0 10.2
M7x0.5 5.5 18.0 1.2 15.0
6.3
9
12.0 12.5
M9x0.6 6.5 22.0 1.5 18.5
8.2
11
15.5 16.0 M12x1.0 6.0 26.0 1.8 21.5 10.5
14
18.5 19.6 M15x1.0 8.0 30.5 1.8 25.0 13.5
17
Dimensions (mm)
A
B
e
E
L
M
N1)
S1
S2
10.0 10.0
M7x0.5 4.5 18.0 15.0
7
6.3
12.0 12.0
M9x0.6 6.5 22.0 18.5
9
8.2
15.5 16.0 M12x1.0 6.5 26.0 21.5 10 10.5
18.5 20.0 M15x1.0 7.5 30.5 25.0 11 13.5
Dimensions (mm)
A
B
e
E
L
N
P
S1
10.0 10.0
M7x0.5 4.5 18.0 15.0
7
6.3
12.0 12.0
M9x0.6 6.5 22.0 18.5
9
8.2
15.5 16.0 M12x1.0 6.5 26.0 21.5 10 10.5
18.5 20.0 M15x1.0 7.5 30.5 25.0 11 13.5
Dimensions (mm)
A
B
e
E
L
N
P
S1
H●●
TT
H●●
0T
H●●
1T
H●●
2T
Reference
Model
Series
6.4
7.1 12.5
8.3
9.1 14.5
10.6 12.1 18.5
13.6 15.1 22.5
Panel cut-out
B
C
L
1.0
0.4
2.5
0.4
4.5
0.7
6.0
0.8
Mounting nut torque
Metal shell Plastic shell
HGG
TT
HGG
0T
HGG
1T
HGG
2T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com