Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAP104 Datasheet(PDF) 2 Page - Edgecore Networks Corporation

Part # EAP104
Description  INDOOR WALL-PLATE WI-FI 6 ACCESS POINT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

EAP104 Datasheet(HTML) 2 Page - Edgecore Networks Corporation

  EAP104 Datasheet HTML 1Page - Edgecore Networks Corporation EAP104 Datasheet HTML 2Page - Edgecore Networks Corporation EAP104 Datasheet HTML 3Page - Edgecore Networks Corporation EAP104 Datasheet HTML 4Page - Edgecore Networks Corporation EAP104 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2023 Edgecore Networks Corporation
SPECIFICATIONS
PHYSICAL
Power
• DC Input: 12V / 2.0A (power adapter optional)
• PoE: 802.3at/af compliant (PoE injector optional)
Dimensions
• 160.5 mm (L) x 89.5 mm (W) x 34 mm (H)
Weight
• 0.45 kg
Interfaces
• Uplink: 1 x 10/100/1000Base-T Ethernet, Auto MDIX, RJ-45 with standard PoE
input
• LAN: 4 x 10/100/1000Base-T Ethernet, Auto MDIX, RJ-45 (LAN4 supports 802.3af
PoE out up to 10W while the system is powered by 802.3at)*
• Pass-Thru: 1 x pass-through port from rear to bottom
• Console: 1 x Micro-USB port
Buttons
• Restart / Reset
LED Indicator
• Power, Cloud Status, 5G-WiFi, 2.4G-WiFi, Uplink
Restart / Reset
• Restart / Reset
Environmental
Conditions
• Operating Temperature: 0°C (32°F) to 45°C (113°F)
• Operating Humidity: 5% to 95% non-condensing
Power Consumption
• 12.9 W max.
Antenna
• Type: 5 x Built-in antenna (2 x 2.4 GHz, 2 x 5 GHz, 1 x BLE)
• Gain: 3.9 dBi (2.4 GHz), 5.2 dBi (5 GHz), 4 dBi (BLE)
Mounting
• Wall-plate (standard bracket), wall mount (standard bracket), desktop (optional
stand)
Anti-theft
• 1 x screw lock
INDOOR WALL-PLATE ACCESS POINT
EAP104/EAP104 Lite
WI-FI
Standards
• 802.11a/b/g/n/ac/ax (Wi-Fi 6)
• Concurrent dual-band 2.4 & 5 GHz
Supported Data Rates
• 802.11b: 1, 2, 5.5, 11 Mbps
• 802.11a/g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
• 802.11n: 6.5 – 300 Mbps (20 / 40 MHz)
• 802.11ac: 6.5 – 867 Mbps (20 / 40 / 80 MHz)
• 802.11ax: 3.6 – 574 Mbps (2.4 GHz, 20 / 40 MHz)
• 802.11ax: 3.6 – 2402 Mbps (5 GHz, 20 / 40 / 80 / 160 MHz)
Radio Chains
• 2 x 2
Spatial Streams
• 2; Uplink and downlink MU-MIMO support
Aggregate Conducted
Transmit Power1
• 2.4 GHz: 22 dBm2
• 5 GHz: 22 dBm2
Channelization
• 2.4 GHz: 20, 40 MHz
• 5 GHz: 20, 40, 80, 160Mhz
*EAP104 Lite does not support BLE/Zigbee and PoE out hardware features



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com