Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAP104 Datasheet(PDF) 5 Page - Edgecore Networks Corporation

Part # EAP104
Description  INDOOR WALL-PLATE WI-FI 6 ACCESS POINT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

EAP104 Datasheet(HTML) 5 Page - Edgecore Networks Corporation

  EAP104 Datasheet HTML 1Page - Edgecore Networks Corporation EAP104 Datasheet HTML 2Page - Edgecore Networks Corporation EAP104 Datasheet HTML 3Page - Edgecore Networks Corporation EAP104 Datasheet HTML 4Page - Edgecore Networks Corporation EAP104 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright © 2023 Edgecore Networks Corporation
TEL: 886-3-5638888 FAX: 886-3-6686111
1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
INDOOR WALL-PLATE ACCESS POINT
EAP104
SIGNAL COVERAGE PATTERN
ORDERING INFORMATION
Part Number
Description
Remark
FIKECP104003E
EAP104 (WL)
EAP104 Lite does not support BLE/Zigbee
and PoE out hardware features
123400002643A
Optional desktop stand bracket
Sold in quantities of 10 per box
131500000258A
Optional US/JP power adapter
Quantities of 96 in a carton
131500000259A
Optional EU power adapter
Quantities of 72 in a carton
131500000262A
Optional UK power adapter
Quantities of 72 in a carton
131500000338
Optional power adapter with US/JP,
EU, UK, AU plugs
Sold in quantities of 10 per box
Azimuth
2.4 GHz
5 GHz
Bluetooth
Elevation
2.4 GHz
5 GHz
Bluetooth
V230707-12.4.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com