Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAP104 Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # EAP104
Description  INDOOR WALL-PLATE WI-FI 6 ACCESS POINT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

EAP104 Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  EAP104 Datasheet HTML 1Page - Edgecore Networks Corporation EAP104 Datasheet HTML 2Page - Edgecore Networks Corporation EAP104 Datasheet HTML 3Page - Edgecore Networks Corporation EAP104 Datasheet HTML 4Page - Edgecore Networks Corporation EAP104 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2023 Edgecore Networks Corporation
Frequency Range
• 2.401 – 2.483 GHz3
• 5.170 – 5.835 GHz3
Operating Channels
• 2.4G: 1 – 11 (US), 1 – 13 (Europe, Japan)
• 5 GHz3: 36 – 165 (US), 36 – 140 (Europe), 36 – 144 (Japan)
ESSIDs
• Up to 16 per radio (32 total)
Certifications
• FCC, IC, CE, TELEC, VCCI, NCC, BSMI, UKCA, UL2043 Plenum Rating
PERFORMANCE
Physical Data Rate
• Up to 574 Mbps (2.4 GHz)
• Up to 2402 Mbps (5 GHz)
1: Aggregated across MIMO chains and does not contain antenna gain.
2: Maximum power is limited by local regulatory requirements.
3: Bands and channels are restricted by local regulatory requirements. Refer to latest certificates for details.
FEATURES
Wireless
• 802.11 k/v/r
• Orthogonal Frequency Division Multiple Access (OFDMA)
• Client Isolation
• Open Mesh
• BSS Coloring
• Band Steering
• Wi-Fi Enhanced Open (OWE)
• Wireless Site Survey
Network
• Spanning Tree Protocol (STP)
• Dynamic Host Configuration Protocol (DHCP)
• DHCP Relay
• 802.1q
• Access Control List (ACL)
• Network Address Translation (NAT)
• Dynamic VLAN
• Link Layer Discovery Protocol (LLDP)
• Smart Isolation
• IPv6 compatible
• Proxy ARP
Security
• WPA-Personal (AES)
• WPA-Enterprise (AES)
• WPA2-Personal (AES)
• WPA2-Enterprise (AES)
• WPA3-Personal (AES)
• WPA3-Personal Transition (AES)
• WPA3-Enterprise (AES)
• WPA3-Enterprise Transition (AES)
• Multi Pre-Shared Key (MPSK)
• Dynamic Pre-Shared Key (DPSK)
• MAC Address Authentication
• DHCP Snooping
• ARP Inspection
• L3 Firewall
INDOOR WALL-PLATE ACCESS POINT
EAP104/EAP104 Lite



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com