Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAP104 Datasheet(PDF) 1 Page - Edgecore Networks Corporation

Part # EAP104
Description  INDOOR WALL-PLATE WI-FI 6 ACCESS POINT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

EAP104 Datasheet(HTML) 1 Page - Edgecore Networks Corporation

  EAP104 Datasheet HTML 1Page - Edgecore Networks Corporation EAP104 Datasheet HTML 2Page - Edgecore Networks Corporation EAP104 Datasheet HTML 3Page - Edgecore Networks Corporation EAP104 Datasheet HTML 4Page - Edgecore Networks Corporation EAP104 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Copyright © 2023 Edgecore Networks Corporation
The EAP104 and its compact counterpart, the EAP104 Lite, are enterprise-grade, concurrent dual-
band Wi-Fi 6 indoor wall-plate access points for hospitality, apartment buildings, or MDUs. The
EAP104 supports 2x2:2 uplink and downlink MU-MIMO between the AP and multiple clients, with
up to 3 Gbps aggregated data rate. The EAP104 is equipped with a Bluetooth Low Energy (BLE)*
radio, ZigBee*, and pass-through capabilities, enabling value-added applications such as iBeacon,
and providing versatile wired and wireless connectivity. For those seeking a more streamlined
solution, the EAP104 Lite maintains the impressive connectivity and speed of the EAP104 in a
lighter package. Ideal for MSPs delivering managed services, it's a thoughtful alternative that
doesn't compromise on performance.
The EAP104 and EAP104 Lite can be operated in a standalone mode or managed by Edgecore’s
ecCLOUD, ecCLOUD-VPC, or EWS-Series controllers.
INTRODUCTION
HIGHLIGHTS
• Wi-Fi 6 2x2 uplink and downlink MU-MIMO with up to 3 Gbps data rate
• 1 uplink port, 4 LAN ports, plus 1 pass-through port
• Enterprise-grade wireless security
• Bluetooth Low Energy (BLE) and ZigBee support*
• PoE Out in an AP*
EAP104/EAP104 Lite
INDOOR WALL-PLATE WI-FI 6
ACCESS POINT
EU/US Junction Box Wall-Plate for Hotel
Wall Mount for Classroom
Desk Mount for Meeting Room/SMB
*EAP104 Lite does not support BLE/Zigbee and PoE out hardware features


Similar Part No. - EAP104

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
EAP101 EDGE-CORE-EAP101 Datasheet
302Kb / 6P
INDOOR WI-FI 6 ACCESS POINT
EAP102 EDGE-CORE-EAP102 Datasheet
390Kb / 6P
INDOOR WI-FI 6 ACCESS POINT
EAP105 EDGE-CORE-EAP105 Datasheet
459Kb / 4P
INDOOR WI FI 7 ACCESS POINT
More results

Similar Description - EAP104

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6201 LVL1-WAP-6201 Datasheet
391Kb / 3P
Managed Wall Mount Wireless Access Point, 802.3af
WAP-6202 LVL1-WAP-6202 Datasheet
427Kb / 4P
Managed Wall Mount Wireless Access Point
logo
Qorvo, Inc
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com