Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 18 Page - Texas Instruments

Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 14Page - Texas Instruments THS7347IPHPR Datasheet HTML 15Page - Texas Instruments THS7347IPHPR Datasheet HTML 16Page - Texas Instruments THS7347IPHPR Datasheet HTML 17Page - Texas Instruments THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
A =No Acknowledge(SDA High)
A = Acknowledge
S=StartCondition
P =StopCondition
W=Write
R=Read
A
A
A
P
DATA
DATA
S
Slave Address
FromTransmitter
FromReceiver
W
A6
A5
2
A0
A1
ACK
Acknowledge
(FromReceiver)
ICDevice Addressand
Read/WriteBit
R/W
D7
D6
D0
D0
ACK
Stop
Condition
Acknowledge
(Receiver)
LastDataByte
SDA
D7
D6
D1
D1
FirstData
Byte
Start
Condition
Acknowledge
(Transmitter)
ACK
Other
DataBytes
A =No Acknowledge(SDA High)
A = Acknowledge
S=StartCondition
P =StopCondition
W=Write
R=Read
A
A
A
P
DATA
DATA
S
Slave Address
Transmitter
Receiver
R
A6
2
A0
ACK
Acknowledge
(From
Receiver)
ICDevice Addressand
Read/WriteBit
R/W
D7
D0
ACK
Stop
Condition
Acknowledge
(From
Transmitter)
LastDataByte
SDA
D7
D6
D1
D0
ACK
FirstData
Byte
Start
Condition
Not
Acknowledge
(Transmitter)
Other
DataBytes
THS7347
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
www.ti.com
During a write cycle, the transmitting device must not drive the SDA signal line during the acknowledge cycle, so
that the receiving device may drive the SDA signal low. After each byte transfer following the address byte, the
receiving device pulls the SDA line low for one SCL clock cycle. A stop condition is initiated by the transmitting
device after the last byte is transferred. Figure 9 and Figure 10 show an example of a write cycle. Note that the
THS7347 does not allow multiple write transfers to occur. See the example, Writing to the THS7347, in WRITE
AND READ EXAMPLES for more information.
Figure 9. I2C Write Cycle
Figure 10. Multiple Byte Write Transfer
During a read cycle, the slave receiver acknowledges the initial address byte if it decodes the address as its
address. Following this initial acknowledge by the slave, the master device becomes a receiver and
acknowledges data bytes sent by the slave. When the master has received all of the requested data bytes from
the slave, the not acknowledge (A) condition is initiated by the master by keeping the SDA signal high just before
it asserts the stop (P) condition. This sequence terminates a read cycle, as shown in Figure 11 and Figure 12.
Note that the THS7347 does not allow multiple read transfers to occur. See the example, Reading from the
THS7347, in WRITE AND READ EXAMPLES for more information.
Figure 11. I2C Read Cycle
Figure 12. Multiple Byte Read Transfer
18
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com