Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 6Page - Texas Instruments THS7347IPHPR Datasheet HTML 7Page - Texas Instruments THS7347IPHPR Datasheet HTML 8Page - Texas Instruments THS7347IPHPR Datasheet HTML 9Page - Texas Instruments THS7347IPHPR Datasheet HTML 10Page - Texas Instruments THS7347IPHPR Datasheet HTML 11Page - Texas Instruments THS7347IPHPR Datasheet HTML 12Page - Texas Instruments THS7347IPHPR Datasheet HTML 13Page - Texas Instruments THS7347IPHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
V-Sync
InputB
AC
Sync
TIP
Clamp
DC
DC
+Offset
AC-
BIAS
+
-
+
-
+
-
1kW
1kW
1kW
878 W
878 W
878 W
675 W
675 W
675 W
150 W
150 W
150 W
+
-
+
-
+
-
2:1
2:1
2:1
SCHMITT
TRIGGER
ADJUST
+1.4V
10kW
+
-
+
-
SDA
I2C,
A0
SCL
Channel3Buffer
Output(ToADC)
Channel3Monitor
Output
Channel3SAG
Vertical Sync
MonitorOUTPUT
AGND
DGND
PUC
MUX
MODE
MUX
SELECT
Disable
=OPEN
Disable
=OPEN
Channel1Buffer
Output(ToADC)
Channel1Monitor
Output
Channel1SAG
Disable
=OPEN
2:1
2:1
AC
Sync
TIP
Clamp
DC
X1
DC
+Offset
AC-
BIAS
AC
Sync
TIP
Clamp
DC
X1
DC
+Offset
AC-
BIAS
X1
Channel1
InputB
Channel2
InputB
Channel3
InputB
H-Sync
InputB
V-Sync
InputA
Channel1
InputA
Channel2
InputA
Channel3
InputA
H-Sync
InputA
Channel2Buffer
Output(ToADC)
Channel2Monitor
Output
Channel2SAG
I2C,
A1
HorizontalSync
BufferOUTPUT
HorizontalSync
MonitorOUTPUT
Vertical Sync
BufferOUTPUT
+V
DD
+V
A
THS7347
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
NOTE: The I2C address of the THS7347 is 01011(A1)(A0)(R/W).
10
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com