Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 20 Page - Texas Instruments

Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 16Page - Texas Instruments THS7347IPHPR Datasheet HTML 17Page - Texas Instruments THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments THS7347IPHPR Datasheet HTML 23Page - Texas Instruments THS7347IPHPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
THS7347
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
www.ti.com
Channel Register Bit Descriptions
Each bit of the subaddress (channel selection) control register as described in the previous section allows the
user to individually control the THS7347 functionality. This process allows the user to control the functionality of
each channel independently with regard to the other channels. The bit description for Channel 1 through Channel
3 is shown in Table 3, while the H/V sync channels and the analog channel states are described in Table 4.
Table 3. THS7347 Channel Register (Channel 1 through Channel 3) Bit Decoder Table.
Use with Register Bit Codes (0000 0001), (0000 0010), and (0000 0011)
BIT
FUNCTION
BIT VALUE(S)
RESULT
0
500-kHz filter on the STC circuit
(MSB)
Sync-Tip Clamp Filter
7
1
5-MHz filter on the STC circuit
0 0 0 0
MUX Input A
0 0 0 1
MUX Input A
0 0 1 0
MUX Input A
0 0 1 1
MUX Input A
0 1 0 0
MUX Input A
0 1 0 1
MUX Input B
0 1 1 0
MUX Input B
0 1 1 1
MUX Input B
6, 5, 4, 3
MUX Selection
1 0 0 0
MUX Input B
1 0 0 1
MUX Input B
1 0 1 0
Reserved; do not care
1 0 1 1
Reserved; do not care
1 1 0 0
Reserved; do not care
1 1 0 1
Reserved; do not care
1 1 1 0
Reserved; do not care
1 1 1 1
Reserved; do not care
0 0 0
Disables both monitor and buffer paths of the respective
channel/register
0 0 1
Channel Mute
0 1 0
Input Mode = dc
Input Mode
2, 1, 0
0 1 1
Input Mode = dc + Shift
+
(LSB)
Operation
1 0 0
Input Mode = ac-bias
1 0 1
Input Mode = ac-STC with low bias
1 1 0
Input Mode = ac-STC with mid bias
1 1 1
Input Mode = ac-STC with high bias
Bit 7 (MSB): Controls the sync-tip clamp filter. Useful only when AC-STC input mode is selected.
Bits 6, 5, 4, 3: Selects the Input MUX channel.
Bits 2, 1, and 0 (LSB): Configures the channel mode and operation. See Table 4, Bits 6 and 5, for more
information with respect to the enable/disable state.
20
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com