Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 23 Page - Texas Instruments

Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments THS7347IPHPR Datasheet HTML 23Page - Texas Instruments THS7347IPHPR Datasheet HTML 24Page - Texas Instruments THS7347IPHPR Datasheet HTML 25Page - Texas Instruments THS7347IPHPR Datasheet HTML 26Page - Texas Instruments THS7347IPHPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
THS7347
www.ti.com
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
READING FROM THE THS7347
The read operation consists of two phases. The first phase is the address phase. In this phase, an I2C master
initiates a write operation to the THS7347 by generating a start condition (S) followed by the THS7347 I2C
address, in MSB-first order, followed by a '0' to indicate a write cycle. After receiving an acknowledge from the
THS7347, the master presents the subaddress (channel) of the register it wants to read. After the cycle is
acknowledged (A), the master terminates the cycle immediately by generating a stop condition (P).
The second phase is the data phase. In this phase, an I2C master initiates a read operation to the THS7347 by
generating a start condition followed by the THS7347 I2C address, in MSB-first order, followed by a '1' to indicate
a read cycle. After an acknowledge from the THS7347, the I2C master receives one byte of data from the
THS7347. After the data byte has been transferred from the THS7347 to the master, the master generates a
not-acknowledge (A) followed by a stop. As with the Write function, to read all channels, steps 1 through 11 must
be repeated for each channel desired.
THS7347 Read Phase 1:
Step 1
0
I2C Start (Master)
S
Step 2
7
6
5
4
3
2
1
0
I2C General Address (Master)
0
1
0
1
1
X
X
0
Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND.
Step 3
9
I2C Acknowledge (Slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C Read Channel Address (Master)
0
0
0
0
0
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 2.
Step 5
9
I2C Acknowledge (Slave)
A
Step 6
0
I2C Start (Master)
P
Copyright
© 2007–2011, Texas Instruments Incorporated
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com