Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE2201
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TNETE2201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE2201 Datasheet HTML 3Page - Texas Instruments TNETE2201 Datasheet HTML 4Page - Texas Instruments TNETE2201 Datasheet HTML 5Page - Texas Instruments TNETE2201 Datasheet HTML 6Page - Texas Instruments TNETE2201 Datasheet HTML 7Page - Texas Instruments TNETE2201 Datasheet HTML 8Page - Texas Instruments TNETE2201 Datasheet HTML 9Page - Texas Instruments TNETE2201 Datasheet HTML 10Page - Texas Instruments TNETE2201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLK1221
www.ti.com....................................................................................................................................... SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009
Table 2. PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
RXP
34
PECL
Differential input receive. RXP and RXN together are the differential serial input interface
RXN
33
I
from a copper or an optical I/F module.
Reference clock. REFCLK is an external input clock that synchronizes the receiver and
transmitter interface (60 MHz to 130 MHz). The transmitter uses this clock to register the
REFCLK
14
I
input data (TD0–TD9) for serialization.
In the TBI mode that data is registered on the rising edge of REFCLK.
Transmit data. These inputs carry 10-bit parallel data output from a protocol device to the
transceiver for serialization and transmission. This 10-bit parallel data is clocked into the
TD0–TD9
2–5, 7–12
I
transceiver on the rising edge of REFCLK and transmitted as a serial stream with TD0 sent
as the first bit.
Receive data. These outputs carry 10-bit parallel data output from the transceiver to the
RD0–RD9
29–27, 25–19
O
protocol layer. The data is referenced to terminals RBC0 and RBC1. RD0 is the first bit
received.
Receive byte clock. RBC0 and RBC1 are recovered clocks used for synchronizing the 10-bit
output data on RD0–RD9.
In the half-rate mode, the 10-bit output data words are valid on the rising edges of RBC0 and
RBC0
17
RBC1. These clocks are adjusted to half-word boundaries in conjunction with synchronous
O
RBC1
18
detect. The clocks are always expanded during data realignment and never slivered or
truncated. RBC0 registers bytes 1 and 3 of received data. RBC1 registers bytes 0 and 2 of
received data. In normal-rate mode, only RBC0 is valid and operates at 1/10th the serial data
rate. Data is aligned to the rising edge.
Receive clock mode select. When RBCMODE is low, half-rate clocks are output on RBC0
I
RBCMODE
13
and RBC1. When RBCMODE is high, a full baud-rate clock is output on RBC0, and RBC1 is
P/D(1)
held low.
Synchronous function enable. When SYNCEN is high, the internal synchronization function is
I
activated. When this function is activated, the transceiver detects the comma pattern
SYNCEN
32
P/U (2)
(0011 111 negative beginning disparity) in the serial data stream and realigns data on byte
boundaries if required. When SYNCEN is low, serial input data is unframed in RD0–RD9.
Synchronous detect. The SYNC output is asserted high upon detection of the comma pattern
in the serial data path. SYNC pulses are output only when SYNCEN is activated (asserted
SYNC/PASS
30
O
high). In PRBS test mode (PRBSEN = high), SYNC/PASS outputs the status of the PRBS
test results (high = pass).
TEST
Loop enable. When LOOPEN is high (active), the internal loopback path is activated. The
transmitted serial data is directly routed to the inputs of the receiver. This provides a self-test
I
LOOPEN
15
capability in conjunction with the protocol device. The TXP and TXN outputs are held in a
P/D(3)
high-impedance state during the loopback test. LOOPEN is held low during standard
operational state with external serial outputs and inputs active.
PRBS enable. When PRBSEN is high, the PRBS generation circuitry is enabled. The PRBS
I
verification circuit in the receive side is also enabled. A PRBS signal can be fed to the
PRBSEN
31
P/D(3)
receive inputs and checked for errors, which are reported by the SYNC/PASS terminal
indicating low.
When this terminal is low, the device is disabled for Iddq testing. RD0–RD9, RBCn, TXP and
I
ENABLE
1
TXN are high-impedance. The pullup and pulldown resistors on any input are disabled.
P/U(2)
When ENABLE is high, the device operates normally.
POWER
VDD
6, 16, 26
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers
Analog power. VDDA provides power for the high-speed analog circuits, receiver, and
VDDA
37
Supply
transmitter.
VDDPLL
36
Supply
PLL power. Provides power for the PLL circuitry. This terminal requires additional filtering.
GROUND
GNDA
35, 40
Ground
Analog ground. GNDA provides a ground for the high-speed analog circuits, RX and TX.
GNDQFN
PAD
Ground
Digital logic ground. Provides a ground for the logic circuits and digital I/O buffers
(1)
P/D = Internal pulldown resistor
(2)
P/U = Internal pullup resistor
(3)
P/D = Internal pulldown resistor
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLK1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com