Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE2201
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TNETE2201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE2201 Datasheet HTML 4Page - Texas Instruments TNETE2201 Datasheet HTML 5Page - Texas Instruments TNETE2201 Datasheet HTML 6Page - Texas Instruments TNETE2201 Datasheet HTML 7Page - Texas Instruments TNETE2201 Datasheet HTML 8Page - Texas Instruments TNETE2201 Datasheet HTML 9Page - Texas Instruments TNETE2201 Datasheet HTML 10Page - Texas Instruments TNETE2201 Datasheet HTML 11Page - Texas Instruments TNETE2201 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLK1221
SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009....................................................................................................................................... www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE (1)
UNIT
VDD
Supply voltage(2)
–0.3 to 3
V
VI
Input voltage range at TTL terminals
–0.5 to 4
V
VI
Input voltage range at other terminals
–0.3 to VDD + 0.3
V
ESD
Electrostatic discharge
CDM: 1, HBM: 2
kV
Tstg
Storage temperature
–65 to 150
°C
TA
Characterized free-air temperature range
–40 to 85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RHA(1) (2)
2.85 W
28 mW/°C
1.57 W
1.4 W
(1)
The thermal resistance junction to ambient of the RHA package is 35°C/W measured on a high-K board.
(2)
The thermal resistance junction-to-case (exposed pad) of the RHA package is 5°C/W.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM MAX
UNIT
VDD,
VDDA,
Supply voltage
2.3
2.5
2.7
V
VDDPLL
IDD, IDDA,
Frequency = 1.25 Gbps, PRBS pattern;
Total supply current
113
mA
IDDPLL
ENABLE = 1, VDD , VDDPLL and VDDA = 2.7 V
PD
Total power dissipation
Frequency = 1.25 Gbps, PRBS pattern
235
305
mW
IDDQ
Total shutdown current (IDD+IDDA + IDDPLL)
Enable = 0; VDD , VDDPLL and VDDA = 2.7 V
1000
μA
PLL
Startup lock time
VDD, VDDA = 2.5 V
500
μs
TA
Operating free-air temperature
–40
85
°C
REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum data rate
TYP – 0.01%
60
TYP + 0.01%
f
Frequency
MHz
Maximum data rate
TYP – 0.01%
130
TYP + 0.01%
Accuracy
–100
100
ppm
DC
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TLK1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com