Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETE2201
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TNETE2201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE2201 Datasheet HTML 7Page - Texas Instruments TNETE2201 Datasheet HTML 8Page - Texas Instruments TNETE2201 Datasheet HTML 9Page - Texas Instruments TNETE2201 Datasheet HTML 10Page - Texas Instruments TNETE2201 Datasheet HTML 11Page - Texas Instruments TNETE2201 Datasheet HTML 12Page - Texas Instruments TNETE2201 Datasheet HTML 13Page - Texas Instruments TNETE2201 Datasheet HTML 14Page - Texas Instruments TNETE2201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLK1221
www.ti.com....................................................................................................................................... SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009
LVTTL OUTPUT SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC)
Clock rise time
0.3
1.5
ns
tf(RBC)
Clock fall time
0.3
1.5
ns
80% to 20% output voltage, C = 5 pF (see Figure 9)
tr
Data rise time
0.3
1.5
ns
tf
Data fall time
0.3
1.5
ns
TBI normal mode (see Figure 3), Rω = 125 MHz, data valid prior
2.5
ns
to RBC0 rising
tsu(d1)
Data setup time (RD0–RD9)
TBI normal mode (see Figure 3), Rω = 61.44 MHz, data valid
5
ns
prior to RBC0 rising
TBI normal mode (see Figure 3), Rω = 125 MHz, data valid after
2
ns
RBC0 rising
th(d1)
Data hold time (RD0–RD9)
TBI normal mode (see Figure 3), Rω = 61.44 MHz, data valid
4
ns
after RBC0 rising
tsu(d3)
Data setup time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz (see Figure 2)
2.5
ns
th(d3)
Data hold time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz (see Figure 2)
1.5
ns
TRANSMITTER TIMING REQUIREMENTS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(d4)
Data setup time (TD0–TD9)
1.6
ns
th(d4)
Data hold time (TD0–TD9)
0.8
ns
tr, tf
TD[0,9] data rise and fall time
See Figure 9
2
ns
Table 3. AVAILABLE OPTIONS
TA
PACKAGE
QFN PLASTIC QUAD FLAT PACK (RHA)
–40°C to 85°C
TLK1221RHA
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLK1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com