Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETE2201
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TNETE2201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETE2201 Datasheet HTML 5Page - Texas Instruments TNETE2201 Datasheet HTML 6Page - Texas Instruments TNETE2201 Datasheet HTML 7Page - Texas Instruments TNETE2201 Datasheet HTML 8Page - Texas Instruments TNETE2201 Datasheet HTML 9Page - Texas Instruments TNETE2201 Datasheet HTML 10Page - Texas Instruments TNETE2201 Datasheet HTML 11Page - Texas Instruments TNETE2201 Datasheet HTML 12Page - Texas Instruments TNETE2201 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
80%
50%
20%
t
r
t
r
t
f
t
f
80%
50%
20%
~ V
~ V
~ V
~ V
80%
20%
0V
~ 1V
~ –1V
TX+
TX–
VOD
TLK1221
www.ti.com....................................................................................................................................... SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009
TTL ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –400 μA
VDD – 0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
VDD = 2.3 V, VIN = 2 V
40
μA
IIL
Low-level input current
VDD = 2.3 V, VIN = 0.4 V
–40
μA
CIN
Input capacitance
4
pF
TRANSMITTER/RECEIVER CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD = |TxD – TxN|
Rt = 50
Ω
600
850
1100
mV
Transmit common mode voltage
V(CM)
Rt = 50
Ω
1000
1250
1400
mV
range
Receiver input voltage requirement,
200
1600
mV
VID = |RxP – RxN|
Receiver common mode voltage
1000
1250
2250
mV
range, (RxP + RxN)/2
CI
Receiver input capacitance
2
pF
Differential output jitter, random + deterministic, PRBS
t(TJ)
Serial data total jitter (peak-to-peak)
pattern,
0.24
UI
Rω = 125 MHz
Serial data deterministic jitter
Differential output jitter, PRBS pattern, Rω = 125 MHz
t(DJ)
0.12
UI
(peak-to-peak)
Differential signal rise, fall time (20%
RL = 50 Ω, CL = 5 pF, see Figure 6 and Figure 8
tr, tf
100
250
ps
to 80%)
Serial data jitter tolerance minimum
Differential input jitter, random + deterministic, Rω =
required eye opening, (per
0.25
UI
125 MHz
IEEE-802.3 specification)
Receiver data acquisition lock time
500
μs
from power up
0.75 UI jitter closure with random data ata 1.25 Gbps
256
Data relock time from application of
ns
valid input data stream
0.20 UI jitter closure with 01010.. data at 1.25 Gbps
128
td(Tx latency) Tx latency
See Figure 1
20
22
UI
td(Rx latency) Rx latency
See Figure 5 and Figure 7
18
24
UI
Figure 6. Differential and Common-Mode Output Voltage Definitions
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLK1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com