Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV6003DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV6003DBVR
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV6003DBVR Datasheet HTML 10Page - Texas Instruments TLV6003DBVR Datasheet HTML 11Page - Texas Instruments TLV6003DBVR Datasheet HTML 12Page - Texas Instruments TLV6003DBVR Datasheet HTML 13Page - Texas Instruments TLV6003DBVR Datasheet HTML 14Page - Texas Instruments TLV6003DBVR Datasheet HTML 15Page - Texas Instruments TLV6003DBVR Datasheet HTML 16Page - Texas Instruments TLV6003DBVR Datasheet HTML 17Page - Texas Instruments TLV6003DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
+
-
VIN
RISO
VOUT
CL
14
TLV6003
SLOS981 – OCTOBER 2019
www.ti.com
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Drive a Capacitive Load
The TLV6003 is internally compensated for stable unity-gain operation, with a 5.5-kHz typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed directly on the output of an amplifier along with the amplifier output impedance creates a
phase lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the
response will be underdamped, which causes peaking in the transfer function. This condition creates very low
phase margin, and leads to excessive ringing or oscillations.
In order to drive heavy (> 50 pF) capacitive loads, an isolation resistor (RISO) must be used, as shown in
Figure 31. By using this isolation resistor, the capacitive load is isolated from the amplifier output. The higher the
value of RISO, the more stable the amplifier. If the value of RISO is sufficiently high, the feedback loop is stable,
independent of the value of CL. However, larger values of RISO result in reduced output swing and reduced
output current drive. The recommended value for RISO is 30 kΩ to 50 kΩ.
Figure 31. Resistive Isolation of Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com