Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV6003DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV6003DBVR
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV6003DBVR Datasheet HTML 13Page - Texas Instruments TLV6003DBVR Datasheet HTML 14Page - Texas Instruments TLV6003DBVR Datasheet HTML 15Page - Texas Instruments TLV6003DBVR Datasheet HTML 16Page - Texas Instruments TLV6003DBVR Datasheet HTML 17Page - Texas Instruments TLV6003DBVR Datasheet HTML 18Page - Texas Instruments TLV6003DBVR Datasheet HTML 19Page - Texas Instruments TLV6003DBVR Datasheet HTML 20Page - Texas Instruments TLV6003DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Time (10 ms/div)
0.3 V
2.5 V
20 PA
C012
VTIA
VCE
ISENS
17
TLV6003
www.ti.com
SLOS981 – OCTOBER 2019
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
First, determine the VREF voltage. This voltage is a compromise between maximum headroom and resolution, as
well as allowance for the minimum swing on the CE terminal because the CE terminal generally goes negative in
relation to the RE potential as the concentration (sensor current) increases. Bench measurements found the
difference between CE and RE to be 180 mV at 300 ppm for this particular sensor.
To allow for negative CE swing, footroom, and voltage drop across the 10-kΩ resistor, 300 mV is chosen for
VREF.
Therefore, 300 mV is used as the minimum VZERO to add some headroom.
VZERO = VREF = 300 mV
where
•
VZERO is the zero concentration voltage.
•
VREF is the reference voltage (300 mV).
(2)
Next, calculate the maximum sensor current at highest expected concentration:
ISENSMAX = IPERPPM * ppmMAX = 69 nA * 300 ppm = 20.7 µA
where
•
ISENSMAX is the maximum expected sensor current.
•
IPERPPM is the manufacturer specified sensor current in Amps per ppm.
•
ppmMAX is the maximum required ppm reading.
(3)
Then, find the available output swing range greater than the reference voltage available for the measurement:
VSWING = VOUTMAX – VZERO = 2.5 V – 0.3 V = 2.2 V
where
•
VSWING is the expected change in output voltage
•
VOUTMAX is the maximum amplifer output swing (usually near VCC)
(4)
Finally, calculate the transimpedance resistor (RF) value using the maximum swing and the maximum sensor
current:
RF = VSWING / ISENSMAX = 2.2 V / 20.7 µA = 106.28 kΩ (use 110 kΩ for a common value)
(5)
8.2.3 Application Curve
Figure 34. Sensor Transient Response to Simulated 300-ppm CO Exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com