Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV6003DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV6003DBVR
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV6003DBVR Datasheet HTML 11Page - Texas Instruments TLV6003DBVR Datasheet HTML 12Page - Texas Instruments TLV6003DBVR Datasheet HTML 13Page - Texas Instruments TLV6003DBVR Datasheet HTML 14Page - Texas Instruments TLV6003DBVR Datasheet HTML 15Page - Texas Instruments TLV6003DBVR Datasheet HTML 16Page - Texas Instruments TLV6003DBVR Datasheet HTML 17Page - Texas Instruments TLV6003DBVR Datasheet HTML 18Page - Texas Instruments TLV6003DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
+
VREF
CE
WE
RE
Potentiostat (Bias Loop)
+
RF
Transimpedance Amplifier (I to V conversion)
RL
CO Sensor
VTIA
U1
U2
ISENS
R2
10 NŸ
C1
0.1µF
VREF
2.5V
Riso
49.9 k
C2
1µF
R1
10 k
15
TLV6003
www.ti.com
SLOS981 – OCTOBER 2019
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Typical Application
Figure 32 shows a simple micropower potentiostat circuit for use with three-terminal unbiased CO sensors;
although, the design is applicable to many other type of three-terminal gas sensors or electrochemical cells.
The basic sensor has three electrodes: the sense or working electrode (WE), counter electrode (CE) and
reference electrode (RE). A current flows between the CE and WE proportional to the detected concentration.
The RE monitors the potential of the internal reference point. For an unbiased sensor, the WE and RE electrodes
must be maintained at the same potential by adjusting the bias on CE. Through the potentiostat circuit formed by
U1, the servo feedback action maintains the RE pin at a potential set by VREF.
R1 maintains stability due to the large capacitance of the sensor.
C1 and R2 form the potentiostat integrator and set the feedback time constant.
U2 forms a transimpedance amplifier (TIA) to convert the resulting sensor current into a proportional voltage. The
transimpedance gain, and resulting sensitivity, is set by RF according to Equation 1.
VTIA = (–I * RF) + VREF
(1)
RL is a load resistor with a value that is normally specified by the sensor manufacturer (typically, 10 Ω). The
potential at WE is set by the applied VREF.
Riso provides capacitive isolation and, combined with C2, form the output filter and ADC reservoir capacitor to
drive the ADC.
Figure 32. Three Terminal CO Gas Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com