Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV6003DBVR Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV6003DBVR
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV6003DBVR Datasheet HTML 14Page - Texas Instruments TLV6003DBVR Datasheet HTML 15Page - Texas Instruments TLV6003DBVR Datasheet HTML 16Page - Texas Instruments TLV6003DBVR Datasheet HTML 17Page - Texas Instruments TLV6003DBVR Datasheet HTML 18Page - Texas Instruments TLV6003DBVR Datasheet HTML 19Page - Texas Instruments TLV6003DBVR Datasheet HTML 20Page - Texas Instruments TLV6003DBVR Datasheet HTML 21Page - Texas Instruments TLV6003DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
CBYPASS
Minimize parasitic
inductance by placing
bypass capacitor
close to VCC.
RF
Route trace under
package for output to
feedback resistor
connection.
VCC
-IN
+IN
GND
OUT
Keep high
impedance input
signal away from
noisy traces.
VIN
VOUT
VCC
18
TLV6003
SLOS981 – OCTOBER 2019
www.ti.com
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The TLV6003 is specified for operation from 2.5 V to 16 V (±1.25 V to ±8 V) over a –40°C to +125°C temperature
range.
CAUTION
Supply voltages larger than 17 V can permanently damage the device.
For proper operation, the power supplies must be properly decoupled. For decoupling the supply lines, place 100
nF capacitors as close as possible to the operational amplifier power supply pins. For single-supply operation,
place a capacitor between VCC and GND supply leads. For dual supplies, place one capacitor between VCC and
ground, and one capacitor between GND and ground.
Low-bandwidth nanopower devices do not have good high-frequency (> 1 kHz) AC PSRR rejection against high-
frequency switching supplies and other 1-kHz and greater noise sources. Therefore, use extra supply filtering if
kilohertz or greater noise is expected on the power supply lines.
10 Layout
10.1 Layout Guidelines
•
Bypass the VCC pin to ground with a low ESR capacitor.
•
The best placement is closest to the VCC and ground pins.
•
Take care to minimize the loop area formed by the bypass capacitor connection between VCC and ground.
•
Connect the ground pin to the PCB ground plane at the pin of the device.
•
Place the feedback components as close as possible to the device to minimize strays.
10.2 Layout Example
Figure 35. SOT-23 Layout Example (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com