Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGL4115HW-R Datasheet(PDF) 2 Page - OKI electronic componets

Part # KGL4115HW-R
Description  11.1 Gbps Modulator Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4115HW-R Datasheet(HTML) 2 Page - OKI electronic componets

  KGL4115HW-R Datasheet HTML 1Page - OKI electronic componets KGL4115HW-R Datasheet HTML 2Page - OKI electronic componets KGL4115HW-R Datasheet HTML 3Page - OKI electronic componets KGL4115HW-R Datasheet HTML 4Page - OKI electronic componets KGL4115HW-R Datasheet HTML 5Page - OKI electronic componets KGL4115HW-R Datasheet HTML 6Page - OKI electronic componets KGL4115HW-R Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ODHKGL4115HW-R-02
Electronic Components
KGL4115HW-R
2
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VS
-5.5
-5.0
V
X-Point Control Voltage
VB1
VS+0.8
VS+2.2
V
Output Amplitude Control Voltage
VC1
VS
VS+1.0
V
Output Bias Control Voltage
VC2
VS
VS+2.2
V
Operating Temperature at Package Base
Ts
0
70
°C
Input Interface
AC coupled (External blocking capacitor is required)
Output Interface
DC coupled
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Data Rate
NRZ
11.1
Gbps
Supply
Current
Iss
including bias
current = 20 mA
285
mA
Voltage Offset
Vo (ofs)
50
Ω load, bias
current = 20 mA
-1
0
V
Differential (AC Coupled)
0.25
1
Input Amplitude
Vin
Single-Ended (AC Coupled)
0.5
1
Vpp
50
Ω load,@Data Rate 10.7Gbps
2.7
Output Amplitude (Max)
Vo (Max)
50
Ω load,@Data Rate 11.1Gbps
2.6
Vpp
Output Low Voltage (Min)
V (LO)
50
Ω load
-3
V
Output High Voltage (Min)
V (HI)
50
Ω load
-1
V
X-Point Control
Xp
NRZ, 50
Ω load
20
80
%
X-Point Stability
Del (Xp)
0–70°C
50
Ω load
10
%
Output Rise/Fall Time
Tr/Tf
50
Ω load
20%/80%
40
ps
Input Return Loss
S11
100kHz–10 GHz
13
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com