Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGL4115HW-R Datasheet(PDF) 5 Page - OKI electronic componets

Part # KGL4115HW-R
Description  11.1 Gbps Modulator Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4115HW-R Datasheet(HTML) 5 Page - OKI electronic componets

  KGL4115HW-R Datasheet HTML 1Page - OKI electronic componets KGL4115HW-R Datasheet HTML 2Page - OKI electronic componets KGL4115HW-R Datasheet HTML 3Page - OKI electronic componets KGL4115HW-R Datasheet HTML 4Page - OKI electronic componets KGL4115HW-R Datasheet HTML 5Page - OKI electronic componets KGL4115HW-R Datasheet HTML 6Page - OKI electronic componets KGL4115HW-R Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ODHKGL4115HW-R-02
Electronic Components
KGL4115HW-R
5
TYPICAL CHARACTERISTICS ( 11.1Gbps WAVEFORM )
Measured Condition
Display Factor
V : 600 mV/div,
H : 20 ps/div,
Offset : -2.2V
Input Signal
11.1 Gbps,
NRZ,
PN31,
Differential 0.25 Vpp
Waveform @ Maximum Amplitude
Waveform @ Maximum Offset
Waveform @ Cross Point
≅ 20%
Waveform @ Cross Point
≅ 80%
Operating Condition
VB1 = -3.80 V
(@Xp = 51.9%)
VC1 = -4.62 V
VC2 = -5.0 V
(@Output Offset : Off)
VS= -5.0 V
(Iss = 194.9 mA)
Output Amplitude
: 2.799Vpp
Rise Time (20-80%) : 22.7 ps
Fall Time (20-80%) : 21.8 ps
Jitter (p-p)
: 10.2 ps
Operating Condition
VB1 = -3.81 V
(@Xp = 52.5%)
VC1 = -4.62 V
VC2 = -2.8 V
(@Output Offset : Max)
VS= -5.0 V
(Iss = 249.5 mA)
Voltage Offset
: -1.311 Vpp
Rise Time (20-80%) : 21.3 ps
Fall Time (20-80%) : 25.3 ps
Jitter (p-p)
: 10.6 ps
Operating Condition
VB1= -3.67 V
(@Xp = 19.6%)
VC1= -4.62 V
VC2= -5.0 V
(@Output Offset : Off)
VS= -5.0 V
(Iss = 194.7 mA)
Output Amplitude
: 2.786 Vpp
Rise Time (20-80%) : 24.4 ps
Fall Time (20-80%) : 22.7 ps
Jitter (p-p)
: 11.5 ps
Operating Condition
VB1= -3.91 V
(@Xp = 80.0%)
VC1= -4.62 V
VC2= -5.0 V
(@Output Offset : Off)
VS= -5.0 V
(Iss = 194.5 mA)
Output Amplitude
: 2.716 Vpp
Rise Time (20-80%) : 22.2 ps
Fall Time (20-80%) : 21.3 ps
Jitter (p-p)
: 11.0 ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com