Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGL4115HW-R Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGL4115HW-R
Description  11.1 Gbps Modulator Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4115HW-R Datasheet(HTML) 3 Page - OKI electronic componets

  KGL4115HW-R Datasheet HTML 1Page - OKI electronic componets KGL4115HW-R Datasheet HTML 2Page - OKI electronic componets KGL4115HW-R Datasheet HTML 3Page - OKI electronic componets KGL4115HW-R Datasheet HTML 4Page - OKI electronic componets KGL4115HW-R Datasheet HTML 5Page - OKI electronic componets KGL4115HW-R Datasheet HTML 6Page - OKI electronic componets KGL4115HW-R Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ODHKGL4115HW-R-02
Electronic Components
KGL4115HW-R
3
No.
Symbol
Note
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
OUT
Signal Output Port
11
GND
Ground
12
GND
Ground
13
N.C.
No Connection
14
GND
Ground
15
GND
Ground
16
GND
Ground
17
GND
Ground
18
VC2
Output Bias Control Port
19
VC1
Output Amplitude Control Port
20
VS
Supply Voltage Port
21
VS
Supply Voltage Port
22
VB2
Input Termination Port
23
VB1
X-Point
Control
Port
and
Inverted Input Termination Port
24
GND
Ground
25
GND
Ground
26
GND
Ground
27
GND
Ground
28
INB
Inverted Input Port
29
GND
Ground
30
GND
Ground
31
IN
Signal Input Port
32
GND
Ground
PACKAGE DIMENSIONS
PIN ASSIGNMENT
Note.
This package is non-hermetic.
Unit : mm
(Top View)
28-0.635
4.445
7.0±0.2
K4115
WR
1
8
25
32
24
17
16
9
1.5±0.25
(Lot No.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com