Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGL4115HW-R Datasheet(PDF) 6 Page - OKI electronic componets

Part # KGL4115HW-R
Description  11.1 Gbps Modulator Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4115HW-R Datasheet(HTML) 6 Page - OKI electronic componets

  KGL4115HW-R Datasheet HTML 1Page - OKI electronic componets KGL4115HW-R Datasheet HTML 2Page - OKI electronic componets KGL4115HW-R Datasheet HTML 3Page - OKI electronic componets KGL4115HW-R Datasheet HTML 4Page - OKI electronic componets KGL4115HW-R Datasheet HTML 5Page - OKI electronic componets KGL4115HW-R Datasheet HTML 6Page - OKI electronic componets KGL4115HW-R Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ODHKGL4115HW-R-02
Electronic Components
KGL4115HW-R
6
TYPICAL APPLICATION
APPLICATION NOTE
1. For stable operation;
1-1. To prevent a dependence of “X-Point” on the supply voltage VS,
(1) Use an external voltage source of –3.8V for “VB2”, or
(2) Control the voltage of “VB1”, so that the voltage difference “VB1–VB2” is constant.
1-2. To prevent a dependence of “Output amplitude” on the supply voltage VS,
Control the voltage of “VC1”, so that the voltage difference “VC1–VS” is constant.
1-3. To prevent a dependence of “Output bias control voltage” on supply voltage VS,
Control the voltage of “VC2”, so that the voltage difference “VC2–VS” is constant.
2. Power-up/shut-down sequence;
For power-up, supply control voltages (VB1, (VB2), VC1, VC2) at first, then Vs.
For shut-down,
Vs at first, then control voltages.
Customer does not need to care about the sequence for the control voltages (VB1,(VB2),VC1,VC2).
3. Under “no signal input” condition, the operation may not be stable.
Inverted Data Input
X-Point Control
Data Input
IN
VB1
VS
VC1
VC2
OUT
GND
Chip
Capacitor
≥ 0.1µF
VB2
KGL4115HW-R
EAM
50
Chip
Capacitor
≥ 0.1µF
Blocking
Capacitor
Ex. 0.1
µF
INB
Chip
Capacitor
≥ 0.1µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com