Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2330 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KSC2330
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSC2330 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KSC2330 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSC2330 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Transistor
KSC2330
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 300V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): 0.5V(Max) @IC= 10mA
APPLICATIONS
·
Audio power amplifiers
·
Relay & solenoid drivers
·
Motor controls
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
0.1
A
PC
Collector Power Dissipation
@ TC=25℃
1.0
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
BVCBO
Collector-Base Breakdown Voltage
IC= 100uA; IE= 0A
300
--
--
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= 5mA; IB= 0A
300
--
--
V
BVEBO
Emitter-Base Breakdown Voltage
IE= 100uA; IC= 0A
7.0
--
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10mA; IB= 1mA
--
--
0.5
V
ICBO
Collector Cutoff Current
VCB= 200V; IE= 0A
--
--
0.1
uA
hFE
DC Current Gain
IC= 20mA; VCE= 10V
40
--
240
--


Similar Part No. - KSC2330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2330 SAMSUNG-KSC2330 Datasheet
66Kb / 2P
NPN (COLOR TV CHROMA OUTPUT)
logo
Fairchild Semiconductor
KSC2330 FAIRCHILD-KSC2330 Datasheet
37Kb / 4P
Color TV Chroma Output
logo
SHENZHEN YONGERJIA INDU...
KSC2330 WINNERJOIN-KSC2330 Datasheet
122Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KSC2330 FOSHAN-KSC2330 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KSC2330 JIANGSU-KSC2330 Datasheet
1Mb / 3P
T O-92MOD Plastic-Encapsulate Transistors
More results

Similar Description - KSC2330

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com