Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-47SI-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL133-47SI-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-47SI-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL133-47SI-R Datasheet HTML 1Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 2Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 3Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 4Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 5Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 6Page - Micrel Semiconductor PL133-47SI-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PL133-47
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/14/1 Page 1
FEATURES
 1:4 LVCMOS output fanout buffer for DC to150MHz
 Low Additive Phase Jitter of 60fs RMS
 8mA Output Drive Strength
 Low power consumption for portable applications
 Low input-output delay
 Output-Output skew less than 250ps
 2.5V to 3.3V, ±10% operation
 Operating temperature range from -40°C to 85°C
 Available in 8-Pin SOP GREEN/RoHS package
DESCRIPTION
The PL133-47 is an advanced fanout buffer design for
high performance, low-power, small form factor applica-
tions. The PL133-47 accepts a reference clock input from
DC to 150MHz and provides 4 outputs of the same fre-
quency.
The PL133-47 is offered in a SOP-8L package and it offers
the best phase noise, additive jitter performance, and low-
est power consumption of any comparable IC.
BLOCK DIAGRAM AND PACKAGE PINOUT
REF
CLK0
CLK1
CLK2
CLK3
VDD
VDD
CLK3
CLK2
CLK1
CLK0
5
6
7
8
4
3
2
1
GND
REF
SOP-8L


Similar Part No. - PL133-47SI-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-47SI-R MICROCHIP-PL133-47SI-R Datasheet
2Mb / 17P
Low-Power DC to 160 MHz 1:4 Fanout Buffer IC
January 2026
More results

Similar Description - PL133-47SI-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
logo
Integrated Device Techn...
ICS854104 IDT-ICS854104 Datasheet
750Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com