Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL133-97QC-R
Description  Low-Power DC to 150MHz 1:9 Fanout Buffer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-97QC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL133-97QC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 6Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 7Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 8Page - Micrel Semiconductor PL133-97QC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PL133-97
Low-Power DC to 150MHz 1:9 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 05/22/14 Page 1
FEATURES
 1:9 LVCMOS output fanout buffer for DC to 150MHz
 8mA Output Drive Strength
 Low power consumption for portable applications
 Low input-output delay
 Output-Output skew less than 250ps
 Low Additive Phase Jitter of 60fs RMS
 2.5V to 3.3V, ±10% operation
 1.8V ± 10% operation up to 67MHz
 Operating temperature range from -40°C to 85°C
 Available in 16-Pin QFN GREEN/RoHS package
DESCRIPTION
The PL133-97 is an advanced fanout buffer design for
high performance, low-power, small form factor applica-
tions. The PL133-97 accepts a reference clock input from
DC to 150MHz and provides 6 outputs of the same fre-
quency.
The PL133-97 is offered in a QFN-16L 3x3mm package
and it offers the best phase noise, additive jitter perfor-
mance, and lowest power consumption of any comparable
IC.
The PL133-97 outputs can be disabled to a high imped-
ance (tri-state) by pulling low the OE pin. When the OE pin
is high, the outputs are enabled and follow the REF input
signal. When the OE pin is left open, a pull-up resistor on
the chip will default the OE pin to logic 1 so the outputs are
enabled.
CLK8 is a free running output that remains enabled
when the OE pin is pulled low.
BLOCK DIAGRAM AND PACKAGE PINOUT
REF
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
QFN-16L
OE
CLK8
CLK7
CLK9
CLK4
OE
CLK3
GND
CLK8
CLK7
REF
1
2
3
4
8
7
6
5
12
11
10
9
13
14
15
16
CLK9


Similar Part No. - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-97QC-R MICROCHIP-PL133-97QC-R Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
PL133-97QC-R MICROCHIP-PL133-97QC-R Datasheet
2Mb / 19P
Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
December 2025
More results

Similar Description - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
REV. B OCTOBER 11, 2004
logo
Hittite Microwave Corpo...
HMC987LP5E HITTITE-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
HMC987LP5E HITTITE-HMC987LP5E_12 Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Analog Devices
HMC987LP5E AD-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com