Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3378 Datasheet(PDF) 6 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3378
Description  Accurate CC/CVPrimarySidePWMPower Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3378 Datasheet(HTML) 6 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3378 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
V1.2 © 2019
6
9
Application
Application Notes
PL3378 provides a very effective solution for
low power adaptor/charger applications. The
innovative CV and CC control can remove the
need for secondary feedback circuitry while
achieving excellent CC/CV performance and
meeting very strict requirements.
working in DCM.
In the DCM fly-back converter, the output
voltage can be sensed via the auxiliary winding.
During MOSFET turn-on time, the current in the
primary winding ramps up. When MOSFET
turns off, the primary current transfers to the
secondary at the amplitude of
9.1 Startup & Operating Current
ISpk 
N P
N S
IPpk
(1)
PL3378 has very slight startup current , thus
the larger value startup resistor and smaller
VDD capacitor can be used to minimize the
power loss in application.
The operating current of PL3378 is also very
low. Together with PFM control features we
IPpk is the current in the primary winding at the
point BJT turns off.
Through coupling between the secondary and
auxiliary winding the output voltage is given by
Vo  Ns
Vaux  V
could get high efficiency especially in light load.
Naux
(2)
9.2 Under Voltage Lockout (UVLO)
An UVLO detector is implemented in it to detect
the voltage on the VDD pin. It would assure the
supply voltage enough to turn on the PWM
controller and further to drive the power BJT. a
hysteresis is built in to prevent the shutdown
from the voltage dip during startup. The turn-on
and turn-off threshold level are set at 17.5 V
and 4.5 V, typically.
9.3 Realization of CC/CV
The CC/CV control is based on the system
Where Vaux is the voltage of the auxiliary winding
and △ V indicates the drop voltage of the output
diode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com