| Electronic Components Datasheet Search |
|
PL3378 Datasheet(PDF) 2 Page - Suzhou Juyuan Microelectronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
PL3378 Datasheet(HTML) 2 Page - Suzhou Juyuan Microelectronics Co., Ltd |
|
2 / 8 page ![]() V1.2 © 2019 2 Datasheet PL3378 1 Overview PL3378 is a high efficiency Primary Side Regulator and highly integrated PWM Power Switch for AC/DC power supply applications. It simplifies conventional CC/CV charger/adaptor designs by eliminating the opto-coupler and secondary control circuitry. Constant output voltage and current regulation is realized Multi-mode operations are utilized to achieve low standby power, high efficiency and audio & noise free. PL3378 operates in PFM mode at large load condition, with the load becomes medium or light, the chip operates in Green mode to achieve high efficiency. This green-mode function assists the power supply meeting the power conservation requirement. A complete set of integrated protection functions allows PL3378 to protect against all fault conditions including Cycle-by-Cycle peak current limiting, VDD UVLO, and VDD_Clamp. The switch continues attempting start-up until the fault condition is removed. PL3378 is offered in SOP7 package. 2 Features Built-in Integrated Power BJT Accurate Constant Current Regulation at Universal AC input Eliminates Opto-coupler and all Secondary CC/CV Control Circuitry Built-in Line Compensation for Tighter CC/CV Regulation Built-in Compensation for Transformer Inductance Tolerances Output Cable Compensation Adaptive Multi-mode PFM Control for Improving Efficiency Low Start-up Current Built-in Short Circuit Protection Built-in open Circuit Protection LEB OCP VDD_OVP UVLO OTP |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |