Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3378 Datasheet(PDF) 3 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3378
Description  Accurate CC/CVPrimarySidePWMPower Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3378 Datasheet(HTML) 3 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3378 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3378 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet
PL3378
V1.2 © 2019
3
3
Pin Diagrams
The pin map is shown as below for SOP7
PL3378
4
Pin Description
Pin
Description
VDD
IC power supply.
FB
Through two dividing resistors connecting to the bias winding, this pin could get
the information of output to realize the CC/CV regulation.
CS
This pin could detect the primary current by the voltage of sensing resistor
connected from CS to GND.
C
HV BJT collector Pin. This pin is connected to the primary lead of the transformer.
E
HV BJT collector Pin.
GND
IC ground.
5
Absolute Maximum Ratings
Absolute maximum ratings are the parameter values or ranges which can cause permanent
damage and affect device reliability if exceeded.
Parameter
Symbol
Value
Units
DC Supply Voltage Range(pin1)
VDD
-0.3 to VDD clamp
V
CS Input(pin4)
CS
-0.3 to 5
V
FB Input(pin3)
FB
-0.3 to 5
V
Maximum Junction Temperature
Tjmax
150
℃
Storage Temperature
Tsto
-55 to 150
℃
Lead Temperature(Soldering,10secs)
Tlea
260
℃
Note: These are stress ratings only. Stress beyond these limits may cause permanent damage to the device. Functional
operation of the device at these or any conditions beyond those indicated under Recommended Operating Conditions is
not implied. Exposure to absolute maximum rated conditions for extended periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com