| Electronic Components Datasheet Search |
|
PL3378 Datasheet(PDF) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
PL3378 Datasheet(HTML) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd |
|
1 / 8 page ![]() V1.2 © 2019 1 PL3378 Accurate CC/CV Primary Side PWM Power Switch Product Description PL3378 is a high efficiency Primary Side Regulator and highly integrated PWM Power Switch for AC/DC power supply applications. It simplifies conventional CC/CV charger/adaptor designs by eliminating the opto-coupler and secondary control circuitry. Constant output voltage and current regulation is realized as shown in the Fig.1 below. Multi-mode operations are utilized to achieve low standby power, high efficiency and audio & noise free. PL3378 operates in PFM mode at large load condition, with the load becomes medium or light, the chip operates in Green mode to achieve high efficiency. PL3378 also offers rich protection features including Cycle-by-Cycle peak current limiting, UVLO, OTP, load OVP, and VDD over voltage. Fig.1. Typical CC/CV Curve Pin Configuration PL3378 Key Features • Built-in Integrated Power BJT • Accurate Constant Current Regulation at Universal AC input • Eliminates Opto-coupler and all Secondary CC/CV Control Circuitry • Built-in Line Compensation for Tighter CC/CV Regulation • Built-in Compensation for Transformer Inductance Tolerances • Adjustable Output Cable Compensation • Adaptive Multi-mode PFM Control for Improving Efficiency • Low Start-up Current • Built-in Leading Edge Blanking (LEB) • Cycle-by-Cycle Current Limiting • VDD Under Voltage Lockout and VDD over voltage protection • Built-in Short Circuit Protection and Output Overvoltage Protection • Over temperature protection Applications AC/DC power supply applications • Cell Phone Charger • Small Power Adaptor/Charger • LED Driver • Standby Supply for Consumer Electronics |
Similar Part No. - PL3378 |
|
Similar Description - PL3378 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |