Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5016 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 3Page - Monolithic Power Systems MP5016 Datasheet HTML 4Page - Monolithic Power Systems MP5016 Datasheet HTML 5Page - Monolithic Power Systems MP5016 Datasheet HTML 6Page - Monolithic Power Systems MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP5016 – 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.1
www.MonolithicPower.com
7
6/14/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = VCC = 5V, VEN = 5V, RLIMIT = 604Ω, MODE floating, DV/DT floating, COUT = 10μF, TA = 25°C,
unless otherwise noted.
VOUT
2V/div.
VIN
5V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
IOUT
2A/div.
Start-Up
through Input Voltage
No Load
Start-Up
through Input Voltage
CC Load =3A
Shutdown
through Input Voltage
No Load
Shutdown
through Input Voltage
CC Load =3A
Start-Up through Enable
No Load
Start-Up through Enable
CC Load =3A
VOUT
2V/div.
VIN
5V/div.
VEN
5V/div.
IOUT
5A/div.
VOUT
2V/div.
VIN
5V/div.
VEN
5V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
VEN
5V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
VEN
5V/div.
IOUT
500mA/div.
Shutdown through Enable
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com