Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5016 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems MP5016 Datasheet HTML 14Page - Monolithic Power Systems MP5016 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP5016 – 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.1
www.MonolithicPower.com
11
6/14/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP5016 is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source,
thereby limiting the backplane’s voltage drop
and the dV/dt of the voltage to the load. The
MP5016 offers an integrated solution that
monitors the input voltage, output voltage,
output current, and die temperature, which
eliminates the requirement of an external
current sense power resistor, power MOSFET,
and thermal sense device.
Under-Voltage Lockout (UVLO)
The MP5016 can be used in the 2.7V to 15V
input supply system. There are high-energy
transients during normal operation or hot swaps.
These transients depend on the parasitic
inductance and resistance of the wire and the
capacitor at the VCC node. If a power clamp
(TVS, Tranzorb) diode is not used, the E-fuse
must be able to withstand this transient voltage.
The
MP5016
integrates
a
high-voltage
MOSFET with up to 15V of continuous voltage
and 26V of maximum transient input voltage.
The MP5016 also uses a high-voltage circuit for
the VCC node to guarantee safe operation.
MODE
MODE is used to select the output over-voltage
protection (OVP) threshold.
Three digital inputs are provided for MODE.
Drive MODE high to VCC to set the output OVP
clamp voltage at 15.2V. Drive MODE low to
GND to set the output OVP clamp voltage at
5.75V. Float MODE for no OVP clamp
protection. The OVP threshold can be set by
connecting a resistor from MODE to ground.
For more details, refer to the Application
Information section on page 14.
Soft Start (SS)
The soft-start time is related to the dV/dt slew
rate and input voltage and can be calculated
with Equation (1):
(V/ms)
dv/dt
Vin(V)
t_ss(ms)
(1)
The dV/dt slew rate is controlled by an external
DV/DT capacitor setting and the MODE setting.
Fast Output and Input OVP
To protect the downstream load when there is a
surge voltage at the input, the MP5016 provides
an output OVP function. An accurate and fast
comparator monitors the over-voltage condition
of the output. If the output voltage rises above
the threshold set by MODE, the gate of the
internal MOSFETs is pulled down quickly and is
regulated to a certain value to keep the output
voltage clamped at the OVP threshold. The fast
loop response speed keeps the over-voltage
overshoot small.
Current Limit
The MP5016 provides a constant current limit,
and the current limit can be programmed by an
external resistor.
The desired current limit is a function of the
external current limit resistor and can be
approximated with Equation (2):
LIMIT
LIMIT
0.55(V)
I
(A)
3870
R(Ω

)
(2)
Where 3870 is the current sense ratio.
Once the current limit threshold is reached, the
internal circuit regulates the gate voltage to hold
the current in the power MOSFET constant. To
limit the current, the gate to the source voltage
must be regulated from 5V to around 1V. The
typical response time is about 15µs. During this
period, the output current may have a small
overshoot.
If the current limit condition lasts longer than
2ms, the IC enters hiccup mode with 2ms of on
time and 700ms of off time.
The MP5016 allows ILIMIT to be floated during
operation. If ILIMIT is floating, the current limit
is set at a fixed 2.5A internally.
When shorting ILIMIT to GND, the normal
current limit is disabled, but the secondary
current limit still works. The secondary current
limit is set to 8A internally. When the secondary
current limit is triggered, the IC shuts down the
power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com