Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5016 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 5Page - Monolithic Power Systems MP5016 Datasheet HTML 6Page - Monolithic Power Systems MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP5016 – 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.1
www.MonolithicPower.com
9
6/14/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2
VCC
Supply voltage. The MP5016 operates from a 2.7V to 15V input rail. A ceramic
capacitor is required to decouple the input rail. Connect VCC using a wide PCB trace.
3
GND
System ground.
4
ILIMIT
Current limit set. Place a resistor between ILIMIT and ground to set the value of the
current limit. Float ILIMIT to achieve a 2.5A fixed current limit.
5
MODE
Output over-voltage protection (OVP) clamp voltage select. The output OVP
clamp voltage is selected by the MODE connection. A resistor connected from MODE
to ground sets the OVP threshold voltage. Three digital inputs are provided for
MODE. Drive MODE high to VCC to set the output OVP clamp voltage at 15.2V.
Drive MODE low to GND to set the output OVP clamp voltage at 5.75V. Float MODE
for no OVP clamp protection.
6, 7
SOURCE
Source of the internal power MOSFET and the output terminal of the IC.
8
GATE
Gate driver for the reverse-current block MOSFET. A 100pF capacitor is required
on GATE if the reverse-current block MOSFET is not being used.
9
EN
Enable. Force EN high to enable the MP5016. Float EN or pull EN to ground to
disable the IC. For quick start-up, pull EN up to VCC through a 300kΩ resistor.
10
DV/DT
DV/DT. Connect a capacitor from DV/DT to ground to set the DV/DT slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com