Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5016 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems MP5016 Datasheet HTML 14Page - Monolithic Power Systems MP5016 Datasheet HTML 15Page - Monolithic Power Systems MP5016 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP5016 – 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.1
www.MonolithicPower.com
12
6/14/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short-circuit event, the current may exceed the
current-limit threshold before the control loop
can respond. If the current reaches the 8A
secondary current limit level, a fast turn-off
circuit activates to turn off the power MOSFET.
This can help limit the peak current through the
switch, keeping the input voltage from dropping
too much. The total short-circuit response time
is about 1µs. After the MOSFET has switched
off, the part restarts. During the restart process,
if the short still exists, the MP5016 regulates the
gate voltage to hold the current at a normal
current limit level. The IC enters hiccup mode
with 2ms of on time and 700ms of off time.
To prevent safe operating area (SOA) damage
during a high input voltage short-circuit
protection (SCP) condition, the IC current limit
folds back when the power MOSFET VDS
voltage is above the typical 11V and the
junction temperature is over 110°C.
Reverse Blocking MOSFET Driver
The MP5016 has a GATE pin to provide an
external N-channel MOSFET gate drive signal
for reverse-current protection (RCP). Three
events can pull down the GATE voltage: VIN
below the under-voltage lockout (UVLO), the
enable (EN) voltage below the low-level
threshold, or thermal shutdown. If any of these
conditions occur, GATE sinks the current from
the gate of the external MOSFET to initiate a
fast turn-off.
For 3.3V low input voltage applications, choose
an external reverse blocking MOSFET with a
small gate threshold voltage (VGSth < 1.6V) to
reduce the voltage drop caused by the reverse-
blocking MOSFET.
Setting an appropriate OVP threshold also can
protect the reverse voltage (from the output to
the input) when using an external N-channel
MOSFET. When VOUT rises too high during
normal operation, the MP5016 SOURCE
voltage is higher than the OVP threshold. In this
case, the GATE voltage is regulated to maintain
the SOURCE clamped at the OVP threshold.
This action protects the reverse current from
the high VOUT to the low VIN.
A 100pF capacitor is required on GATE if it is
not connected to the external MOSFET.
Output Discharge
The MP5016 involves a discharge function that
provides a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (VIN UVLO, EN
shutdown) and is done in a very limited amount
of time. When using the external reverse-
current block MOSFET, the output discharge
path is blocked by the reverse current block
MOSFET. Therefore, the output cannot be
discharged when the reverse-current block
MOSFET is used.
Enable (EN)
The MP5016 is enabled when EN is high. The
MP5016 is disabled when EN is low. Floating
EN shuts down the MP5016 because there is
an internal 2.2MΩ resistor pulling EN down to
ground. For automatic start-up, connect a pull-
up resistor from VCC to EN.
EN is clamped internally using a 5.5V Zener
diode (see Figure 2). Connecting the EN input
through a pull-up resistor to VCC limits the EN
input current below 100μA to prevent damage
to the Zener diode. For example, when
connecting a 300kΩ pull-up resistor to 15V VCC,
IZener = (15V - 5.5V) / 300kΩ - 5.5V / 2.2MΩ =
29µA.
Figure 2: Zener Diode between EN and GND
When using a pull-up resistor to set the power-
on threshold, avoid using a pull-up resistor that
is too small to increase the operational
quiescent current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com