Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7538GL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7538GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538GL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7538GL Datasheet HTML 1Page - Leadtrend Technology LD7538GL Datasheet HTML 2Page - Leadtrend Technology LD7538GL Datasheet HTML 3Page - Leadtrend Technology LD7538GL Datasheet HTML 4Page - Leadtrend Technology LD7538GL Datasheet HTML 5Page - Leadtrend Technology LD7538GL Datasheet HTML 6Page - Leadtrend Technology LD7538GL Datasheet HTML 7Page - Leadtrend Technology LD7538GL Datasheet HTML 8Page - Leadtrend Technology LD7538GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD7538
2
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
Pin Configuration
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005
…..)
WW, W : Week code
PP
: Production code
P38
: LD7538
1
2
3
4
5
6
GND COMP OTP
OUT
VCC
CS/OVP
YWP
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
38
pp
Ordering Information
Part number
Package
Top Mark
Shipping
LD7538 GL
SOT-26
Green Package
YWP/38
3000 /tape & reel
LD7538 GN
DIP-8
Green Package
LD7538 GN
3600 /tube /Carton
Protection Mode
Switching Freq.
OLP
VCC OVP
CS OVP
OTP Pin
65kHz
Auto recovery
Latch
Latch
Latch
Pin Descriptions
PIN
SOT-26
PIN
DIP-8
NAME
FUNCTION
1
8
GND
Ground
2
7
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a
photo-coupler to close the control loop and achieve the regulation.
3
5
OTP
Pull this pin below 0.95V to shut down the controller into latch mode until the
AC resumes power-on. Connecting this pin to ground with NTC will achieve
OTP protection. Let this pin float or connect a 100k
 resistor to disable the
latch protection.
4
4
CS/OVP
Current sense pin, connect it to sense the MOSFET current. This pin is also
connected to an auxiliary winding of the PWM transformer through a resistor
and a diode for output over-voltage protection.
5
2
VCC
Supply voltage pin
6
1
OUT
Gate drive output to drive the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com