Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7538GL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7538GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538GL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7538GL Datasheet HTML 8Page - Leadtrend Technology LD7538GL Datasheet HTML 9Page - Leadtrend Technology LD7538GL Datasheet HTML 10Page - Leadtrend Technology LD7538GL Datasheet HTML 11Page - Leadtrend Technology LD7538GL Datasheet HTML 12Page - Leadtrend Technology LD7538GL Datasheet HTML 13Page - Leadtrend Technology LD7538GL Datasheet HTML 14Page - Leadtrend Technology LD7538GL Datasheet HTML 15Page - Leadtrend Technology LD7538GL Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LD7538
12
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
case of fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP).
When the VCOMP
ramps up to the OLP threshold of 4.4V and continues over
OLP delay time, the protection will be activated and then
turn off the gate output to stop the switching of power
circuit.
With the protection mechanism, the average input power
will be minimized to remain the component temperature
and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
OLP
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 20
OVP (Over Voltage Protection) on Vcc -
Latch mode
The Vcc OVP function of LD7538 is in latch mode. As
soon as the voltage of the Vcc pin rises above OVP
threshold, the output gate drive circuit will be shutdown
simultaneous to latch off the power MOSFET. On the
contrast, if the voltage on Vcc pin drops below OVP
threshold and starts AC-recycling again, it will soon
resume to normal operation. Fig. 21 shows its operation.
UVLO(on)
UVLO(off)
t
AC input Voltage
t
OUT
Switching
Switching
Non- Switching
t
VCC
AC Off
AC On( Recycle)
Latch Released
OVP
Level
Fig. 21
OTP Pin --- Latched Mode Protection
The OTP circuit is implemented to sense whether there is
any hot-spot of power circuit like power MOSFET or
output rectifier.
Once an over-temperature condition is
detected, the OTP is enabled to shut down the controller
to protect the controller. Typically, a NTC is recommended
to connect with OTP pin.
The NTC resistance will
decrease as the device or ambient in high temperature.
The relationship is as below.
NTC
OTP
R
A
μ
100
V
When the VOTP is below the defined voltage threshold (typ.
0.95V), LD7538 will shutdown the gate output and latch
off the power supply.
There are 2 conditions required to
restart it successfully. First, cool down the circuit so that
NTC resistance will increase and raise VOTP up above
1.05V. Then, remove the AC power cord and re-plug AC
power.
MOSFET Characteristic
The MOSFET is divided into three operation regions,
ohmic region, saturation region, and the cut-off region,
shown as Fig. 22.
For switching power supply applications, it shall operate in
ohmic and cut-off region. Never reach the region of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com